Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38039G4HKP Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # M38039G4HKP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38039G4HKP Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button M38039G4HKP Datasheet HTML 67Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 68Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 69Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 70Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 71Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 72Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 73Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 74Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 92 page
background image
Rev.1.10
Nov 14, 2005
Page 71 of 91
REJ03B0166-0110
3803 Group (Spec.H QzROM version)
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
Recommended operating conditions
NOTES:
1. When using A/D converter, see A/D converter recommended operating conditions.
2. The start voltage and the start time for oscillation depend on the using oscillator, oscillation circuit constant value and operating
temperature range, etc.. Particularly a high-frequency oscillator might require some notes in the low voltage operation.
3. When the oscillation frequency has a duty cycle of 50%.
4. When using the microcomputer in low-speed mode, set the sub-clock input oscillation frequency on condition that f(XCIN) < f(XIN)/3.
Table 11
Recommended operating conditions (1)
(VCC = 1.8 to 5.5 V, VSS = 0 V, Ta = –20 to 85 °C, unless otherwise noted)
Symbol
Parameter
Conditions
Limits
Unit
Min.
Typ.
Max.
VCC
Power source
voltage(1)
When start oscillating(2)
2.2
5.0
5.5
V
High-speed mode
f(
φ) = f(XIN)/2
f(XIN)
≤ 2.1 MHz
2.0
5.0
5.5
V
f(XIN)
≤ 4.2 MHz
2.2
5.0
5.5
f(XIN)
≤ 8.4 MHz
2.7
5.0
5.5
f(XIN)
≤ 12.5 MHz
4.0
5.0
5.5
f(XIN)
≤ 16.8 MHz
4.5
5.0
5.5
Middle-speed mode
f(
φ) = f(XIN)/8
f(XIN)
≤ 6.3 MHz
1.8
5.0
5.5
V
f(XIN)
≤ 8.4 MHz
2.2
5.0
5.5
f(XIN)
≤ 12.5 MHz
2.7
5.0
5.5
f(XIN)
≤ 16.8 MHz
4.5
5.0
5.5
VSS
Power source voltage
0
V
VIH
“H” input voltage
P00-P07, P10-P17,
P20-P27, P30, P31,
P34-P37, P40-P47,
P50-P57, P60-P67
1.8
≤ VCC < 2.7 V
0.85 VCC
VCC
V
2.7
≤ VCC ≤ 5.5 V
0.8 VCC
VCC
VIH
“H” input voltage
P32, P33
1.8
≤ VCC < 2.7 V
0.85 VCC
5.5
V
2.7
≤ VCC ≤ 5.5 V
0.8 VCC
5.5
VIH
“H” input voltage
RESET, XIN, XCIN,
CNVSS
1.8
≤ VCC < 2.7 V
0.85 VCC
VCC
V
2.7
≤ VCC ≤ 5.5 V
0.8 VCC
VCC
VIL
“L” input voltage
P00-P07, P10-P17,
P20-P27, P30-P37,
P40-P47, P50-P57,
P60-P67
1.8
≤ VCC < 2.7 V
0
0.16 VCC
V
2.7
≤ VCC ≤ 5.5 V
0
0.2 VCC
VIL
“L” input voltage
RESET, CNVSS
1.8
≤ VCC < 2.7 V
0
0.16 VCC
V
2.7
≤ VCC ≤ 5.5 V
0
0.2 VCC
VIL
“L” input voltage
XIN, XCIN
1.8
≤ VCC ≤ 5.5 V
0
0.16 VCC
V
f(XIN)
Main clock input
oscillation
frequency(3)
High-speed mode
f(
φ) = f(XIN)/2
2.0
≤ VCC < 2.2 V
MHz
2.2
≤ VCC < 2.7 V
MHz
2.7
≤ VCC < 4.0 V
MHz
4.0
≤ VCC < 4.5 V
MHz
4.5
≤ VCC ≤ 5.5 V
16.8
MHz
Middle-speed mode
f(
φ) = f(XIN)/8
1.8
≤ VCC < 2.2 V
MHz
2.2
≤ VCC < 2.7 V
MHz
2.7
≤ VCC < 4.5 V
MHz
4.5
≤ VCC ≤ 5.5 V
16.8
MHz
f(XCIN)
Sub-clock input oscillation frequency(3, 4)
32.768
50
kHz
20
VCC
36
–
×
() 1.05
×
2
-----------------------------------------------------------
24
VCC
40.8
–
×
() 1.05
×
3
----------------------------------------------------------------
9VCC
0.3
–
×
() 1.05
×
3
----------------------------------------------------------
24
VCC
60
–
×
() 1.05
×
3
-----------------------------------------------------------
15
VCC
9
–
×
() 1.05
×
3
--------------------------------------------------------
24
VCC
28.8
–
×
() 1.05
×
3
----------------------------------------------------------------
15
VCC
39
+
×
() 1.1
×
7
--------------------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com