Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38039G4HKP Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # M38039G4HKP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38039G4HKP Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button M38039G4HKP Datasheet HTML 82Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 83Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 84Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 85Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 86Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 87Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 88Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 89Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 92 page
background image
Rev.1.10
Nov 14, 2005
Page 86 of 91
REJ03B0166-0110
3803 Group (Spec.H QzROM version)
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
Notes on Interrupts
1. Change of relevant register settings
When the setting of the following registers or bits is changed, the
interrupt request bit may be set to “1”. When not requiring the
interrupt occurrence synchronized with these setting, take the
following sequence.
• Interrupt edge selection register (address 003A16)
• Timer XY mode register (address 002316)
• Timer Z mode register (address 002A16)
Set the above listed registers or bits as the following sequence.
Fig 4.
Sequence of changing relevant register
<Reason>
When setting the followings, the interrupt request bit may be set
to “1”.
• When setting external interrupt active edge
Concerned register:Interrupt edge selection register
(address 003A16)
Timer XY mode register (address 002316)
Timer Z mode register (address 002A16)
• When switching interrupt sources of an interrupt vector
address where two or more interrupt sources are allocated.
Concerned register: Interrupt source selection register (address
003916)
2. Check of interrupt request bit
When executing the BBC or BBS instruction to an interrupt
request bit of an interrupt request register immediately after this
bit is set to “0”, execute one or more instructions before
executing the BBC or BBS instruction.
Fig 5.
Sequence of check of interrupt request bit
<Reason>
If the BBC or BBS instruction is executed immediately after an
interrupt request bit of an interrupt request register is cleared to
“0”, the value of the interrupt request bit before being cleared to
“0” is read.
Set the interrupt edge select bit (active edge switch bit)
or the interrupt (source) select bit to “1”.
NOP (one or more instructions)
Set the corresponding interrupt enable bit to “0” (disabled).
Set the corresponding interrupt request bit to “0”
(no interrupt request issued).
Set the corresponding interrupt enable bit to “1” (enabled).
NOP (one or more instructions)
Clear the interrupt request bit to “0” (no interrupt issued)
Execute the BBC or BBS instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com