Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38039G4HKP Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # M38039G4HKP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38039G4HKP Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button M38039G4HKP Datasheet HTML 13Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 14Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 15Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 16Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 17Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 18Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 19Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 20Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 92 page
background image
Rev.1.10
Nov 14, 2005
Page 17 of 91
REJ03B0166-0110
3803 Group (Spec.H QzROM version)
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
I/O PORTS
The I/O ports have direction registers which determine the
input/output direction of each individual pin. Each bit in a
direction register corresponds to one pin, and each pin can be set
to be input port or output port.
When “0” is written to the bit corresponding to a pin, that pin
becomes an input pin. When “1” is written to that bit, that pin
becomes an output pin.
If data is read from a pin which is set to output, the value of the
port output latch is read, not the value of the pin itself. Pins set to
input are floating. If a pin set to input is written to, only the port
output latch is written to and the pin remains floating.
By setting the port P0 pull-up control register (address 0FF016)
to the port P6 pull-up control register (address 0FF616) ports can
control pull-up with a program. However, the contents of these
registers do not affect ports programmed as the output ports.
NOTES:
1. Refer to the applicable sections how to use double-function ports as function I/O ports.
2. Make sure that the input level at each pin is either 0 V or VCC during execution of the STP instruction.
When an input level is at an intermediate potential, a current will flow from VCC to VSS through the input-stage gate.
Table 8
I/O port function
Pin
Name
Input/
Output
I/O Structure
Non-Port Function
Related SFRs
Ref.
No.
P00/AN8
−P07/AN15
Port P0 Input/output,
individual
bits
CMOS compatible
input level
CMOS 3-state
output
A/D converter input
AD/DA control register
(1)
P10/INT41
P11/INT01
Port P1
External interrupt input
Interrupt edge selection register
(2)
P12
−P17
(3)
P20/LED0
−P27/LED7 Port P2
P30/DA1
P31
/DA2
Port P3
D/A converter output
AD/DA control register
(4)
P32, P33
CMOS compatible
input level
N-channel
open-drain output
(5)
P34/RXD3
P35/TXD3
P36/SCLK3
P37/SRDY3
CMOS compatible
input level
CMOS 3-state
output
Serial I/O3 function I/O
Serial I/O3 control register
UART3 control register
(6)
(7)
(8)
(9)
P40/INT40
/XCOUT
P41/INT00
/XCIN
Port P4
External interrupt input
Sub-clock generating circuit
Interrupt edge selection register
CPU mode register
(10)
(11)
P42/INT1
P43/INT2
External interrupt input
Interrupt edge selection register
(2)
P44/RXD1
P45/TXD1
P46/SCLK1
Serial I/O1 function I/O
Serial I/O1 control register
UART1 control register
(6)
(7)
(8)
P47/SRDY1/CNTR2
Serial I/O1 function I/O
Timer Z function I/O
Serial I/O1 control register
Timer Z mode register
(12)
P50/SIN2
P51/SOUT2
P52/SCLK2
P53/SRDY2
Port P5
Serial I/O2 function I/O
Serial I/O2 control register
(13)
(14)
(15)
(16)
P54/CNTR0
P55/CNTR1
Timer X, Y function I/O
Timer XY mode register
(17)
P56/PWM
PWM output
PWM control register
(18)
P57/INT3
External interrupt input
Interrupt edge selection register
(2)
P60/AN0
−P67/AN7
Port P6
A/D converter input
AD/DA control register
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com