Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38039G4HKP Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # M38039G4HKP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38039G4HKP Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button M38039G4HKP Datasheet HTML 53Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 54Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 55Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 56Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 57Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 58Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 59Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 60Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 92 page
background image
Rev.1.10
Nov 14, 2005
Page 57 of 91
REJ03B0166-0110
3803 Group (Spec.H QzROM version)
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
Fig 47. Structure of PWM control register
Fig 48. PWM output timing when PWM register or PWM prescaler is changed
<Notes>
The PWM starts after the PWM function enable bit is set to enable and “L” level is output from the PWM pin.
The length of this “L” level output is as follows:
(Count source selection bit = 0, where n is the value set in the prescaler)
(Count source selection bit = 1, where n is the value set in the prescaler)
b7
b0
PWM control register
(PWMCON: address 002B16)
PWM function enable bit
0 : PWM disabled
1 : PWM enabled
Count source selection bit
0: f(XIN) (f(XCIN) at low-speed mode)
1: f(XIN)/2 (f(XCIN)/2 at low-speed mode)
Not used
(return “0” when read)
PWM output
T
T
T2
B
C
PWM register
write signal
PWM prescaler
write signal
(Changes “H” term from “A” to “ B”.)
(Changes PWM period from “T” to “T2”.)
B
T
C
T2
=
When the contents of the PWM register or PWM prescaler have changed,
the PWM output will change from the next period after the change.
A
n1
+
2
×fXIN
()
----------------------- sec
n1
+
fXIN
()
---------------- sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com