Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38039G4HKP Datasheet(PDF) 66 Page - Renesas Technology Corp

Part # M38039G4HKP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38039G4HKP Datasheet(HTML) 66 Page - Renesas Technology Corp

Back Button M38039G4HKP Datasheet HTML 62Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 63Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 64Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 65Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 66Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 67Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 68Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 69Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 70Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 92 page
background image
Rev.1.10
Nov 14, 2005
Page 66 of 91
REJ03B0166-0110
3803 Group (Spec.H QzROM version)
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
Fig 61. System clock generating circuit block diagram (Single-chip mode)
WIT
instruction
STP
instruction
Timing
φ (internal clock)
S
R
Q
S
R
Q
Main clock stop bit
S
R
Q
1/2
1/4
XIN
XOUT
XCOUT
XCIN
Interrupt request
Interrupt disable flag l
Reset
Port XC
switch bit
“1”
“0”
Low-speed
mode
High-speed or
middle-speed mode
Middle-speed mode
High-speed or
low-speed mode
Main clock division ratio
selection bits (Note 1)
Main clock division ratio
selection bits (Note 1)
Notes1: Either high-speed, middle-speed or low-speed mode is selected by bits 7 and 6 of the CPU mode register.
When low-speed mode is selected, set port XC switch bit (b4) to “1”.
2:f(XIN)/16 is supplied as the count source to the prescaler 12 at reset, the count source before executing the STP instruction is
supplied as the count source at executing STP instruction.
3: When bit 0 of MISRG is “0”, timer 1 is set “0116” and prescaler 12 is set “FF16” automatically. When bit 0 of MISRG is “1” , set the
appropriate value to them in accordance with oscillation stabilizing time required by the using oscillator because nothing is
automatically set into timer 1 and prescaler 12.
4: Although a feed-back resistor exists on-chip, an external feed-back resistor may be needed depending on conditions.
Prescaler 12
Timer 1
Reset or
STP instruction
(Note 2)
Reset
(Note 3)
(Note 4)
STP
instruction
Divider



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com