Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38039G4HKP Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # M38039G4HKP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38039G4HKP Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button M38039G4HKP Datasheet HTML 21Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 22Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 23Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 24Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 25Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 26Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 27Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 28Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 92 page
background image
Rev.1.10
Nov 14, 2005
Page 25 of 91
REJ03B0166-0110
3803 Group (Spec.H QzROM version)
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
INTERRUPTS
The 3803 group (Spec.H QzROM version)’s interrupts are a type
of vector and occur by 16 sources among 21 sources: eight
external, twelve internal, and one software.
• Interrupt Control
Each interrupt is controlled by an interrupt request bit, an
interrupt enable bit, and the interrupt disable flag except for the
software interrupt set by the BRK instruction. An interrupt
occurs if the corresponding interrupt request and enable bits are
“1” and the interrupt disable flag is “0”.
Interrupt enable bits can be set or cleared by software.
Interrupt request bits can be cleared by software, but cannot be
set by software.
The reset and the BRK instruction cannot be disabled with any
flag or bit. The I (interrupt disable) flag disables all interrupts
except the reset and the BRK instruction interrupt.
When several interrupt requests occur at the same time, the
interrupts are received according to priority.
• Interrupt Operation
By acceptance of an interrupt, the following operations are
automatically performed:
1. The contents of the program counter and the processor sta-
tus register are automatically pushed onto the stack.
2. The interrupt disable flag is set and the corresponding inter-
rupt request bit is cleared.
3. The interrupt jump destination address is read from the vec-
tor table into the program counter.
• Interrupt Source Selection
Which of each combination of the following interrupt sources
can be selected by the interrupt source selection register (address
003916).
1. INT0 or Timer Z
2. CNTR1 or Serial I/O3 reception
3. Serial I/O2 or Timer Z
4. INT4 or CNTR2
5. A/D converter or serial I/O3 transmission
• External Interrupt Pin Selection
The occurrence sources of the external interrupt INT0 and INT4
can be selected from either input from INT00 and INT40 pin, or
input from INT01 and INT41 pin by the INT0, INT4 interrupt
switch bit of interrupt edge selection register (bit 6 of address
003A16).
<Notes>
When setting the followings, the interrupt request bit may be set
to “1”.
• When setting external interrupt active edge
Related register: Interrupt edge selection register
(address 003A16)
Timer XY mode register (address 002316)
Timer Z mode register (address 002A16)
• When switching interrupt sources of an interrupt vector
address where two or more interrupt sources are allocated
Related register: Interrupt source selection register
(address 003916)
When not requiring for the interrupt occurrence synchronized
with these setting, take the following sequence.
(1) Set the corresponding interrupt enable bit to “0” (disabled).
(2) Set the interrupt edge select bit (the active edge switch bit)
or the interrupt source select bit.
(3) Set the corresponding interrupt request bit to “0” after 1 or
more instructions have been executed.
(4) Set the corresponding interrupt enable bit to “1” (enabled).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com