Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38039G4HKP Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # M38039G4HKP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38039G4HKP Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button M38039G4HKP Datasheet HTML 70Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 71Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 72Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 73Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 74Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 75Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 76Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 77Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 92 page
background image
Rev.1.10
Nov 14, 2005
Page 74 of 91
REJ03B0166-0110
3803 Group (Spec.H QzROM version)
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
Table 14
Electrical characteristics (2)
(VCC = 1.8 to 5.5 V, Ta = –20 to 85 °C, f(XCIN)=32.768kHz (Stopped in middle-speed mode),
Output transistors “off”, AD converter not operated)
Symbol
Parameter
Test conditions
Limits
Unit
Min.
Typ.
Max.
ICC
Power source
current
High-speed
mode
VCC = 5.0 V
f(XIN) = 16.8 MHz
8.0
15.0
mA
f(XIN) = 12.5 MHz
6.5
12.0
f(XIN) = 8.4 MHz
5.0
9.0
f(XIN) = 4.2 MHz
2.5
5.0
f(XIN) = 16.8 MHz (in WIT state)
2.0
3.6
VCC = 3.0 V
f(XIN) = 8.4 MHz
1.9
3.8
mA
f(XIN) = 4.2 MHz
1.0
2.0
f(XIN) = 2.1 MHz
0.6
1.2
Middle-speed
mode
VCC = 5.0 V
f(XIN) = 16.8 MHz
4.0
7.0
mA
f(XIN) = 12.5 MHz
3.0
6.0
f(XIN) = 8.4 MHz
2.5
5.0
f(XIN) = 16.8 MHz (in WIT state)
1.8
3.3
VCC = 3.0 V
f(XIN) = 12.5 MHz
1.5
3.0
mA
f(XIN) = 8.4 MHz
1.2
2.4
f(XIN) = 6.3 MHz
1.0
2.0
Low-speed
mode
VCC = 5.0 V
f(XIN) = stopped
55
200
µA
In WIT state
40
70
VCC = 3.0 V
f(XIN) = stopped
15
40
µA
In WIT state
8
15
VCC = 2.0 V
f(XIN) = stopped
6
15
µA
In WIT state
3
6
In STP state
(All oscillation stopped)
Ta = 25
°C0.1
1.0
µA
Ta = 85
°C10
Increment when A/D
conversion is executed
f(XIN) = 16.8 MHz, VCC = 5.0 V
In Middle-, high-speed mode
500
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com