Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38039G4HKP Datasheet(PDF) 78 Page - Renesas Technology Corp

Part # M38039G4HKP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38039G4HKP Datasheet(HTML) 78 Page - Renesas Technology Corp

Back Button M38039G4HKP Datasheet HTML 74Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 75Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 76Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 77Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 78Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 79Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 80Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 81Page - Renesas Technology Corp M38039G4HKP Datasheet HTML 82Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 92 page
background image
Rev.1.10
Nov 14, 2005
Page 78 of 91
REJ03B0166-0110
3803 Group (Spec.H QzROM version)
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
NOTES:
1. When the P45/TXD1 P-channel output disable bit of the UART1 control register (bit 4 of address 001B16) is “0”.
Table 20
Switching characteristics (1)
(VCC = 2.0 to 5.5 V, VSS = 0V, Ta =
−20 to 85 °C, unless otherwise noted)
Symbol
Parameter
Test
conditions
Limits
Unit
Min.
Typ.
Max.
tWH(SCLK1)
tWH(SCLK3)
Serial I/O1, serial I/O3
clock output “H” pulse
width
4.5
≤ VCC ≤ 5.5 V
Fig.64
tC(SCLK1)/2-30, tC(SCLK3)/2-30
ns
4.0
≤ VCC < 4.5 V
tC(SCLK1)/2-35, tC(SCLK3)/2-35
2.7
≤ VCC < 4.0 V
tC(SCLK1)/2-40, tC(SCLK3)/2-40
2.2
≤ VCC < 2.7 V
tC(SCLK1)/2-45, tC(SCLK3)/2-45
2.0
≤ VCC < 2.2 V
tC(SCLK1)/2-50, tC(SCLK3)/2-50
tWL(SCLK1)
tWL(SCLK3)
Serial I/O1, serial I/O3
clock output “L” pulse
width
4.5
≤ VCC ≤ 5.5 V
tC(SCLK1)/2-30, tC(SCLK3)/2-30
ns
4.0
≤ VCC < 4.5 V
tC(SCLK1)/2-35, tC(SCLK3)/2-35
2.7
≤ VCC < 4.0 V
tC(SCLK1)/2-40, tC(SCLK3)/2-40
2.2
≤ VCC < 2.7 V
tC(SCLK1)/2-45, tC(SCLK3)/2-45
2.0
≤ VCC < 2.2 V
tC(SCLK1)/2-50, tC(SCLK3)/2-50
td(SCLK1-TxD1)
td(SCLK3-TxD3)
Serial I/O1, serial I/O3
output delay time(1)
4.5
≤ VCC ≤ 5.5 V
140
ns
4.0
≤ VCC < 4.5 V
200
2.7
≤ VCC < 4.0 V
350
2.2
≤ VCC < 2.7 V
400
2.0
≤ VCC < 2.2 V
420
tV(SCLK1-TxD1)
tV(SCLK3-TxD3)
Serial I/O1, serial I/O3
output valid time(1)
4.5
≤ VCC ≤ 5.5 V
−30
ns
4.0
≤ VCC < 4.5 V
−30
2.7
≤ VCC < 4.0 V
−30
2.2
≤ VCC < 2.7 V
−30
2.0
≤ VCC < 2.2 V
−30
tr(SCLK1)
tr(SCLK3)
Serial I/O1, serial I/O3
rise time of clock
output
4.5
≤ VCC ≤ 5.5 V
30
ns
4.0
≤ VCC < 4.5 V
35
2.7
≤ VCC < 4.0 V
40
2.2
≤ VCC < 2.7 V
45
2.0
≤ VCC < 2.2 V
50
tf(SCLK1)
tf(SCLK3)
Serial I/O1, serial I/O3
fall time of clock output
4.5
≤ VCC ≤ 5.5 V
30
ns
4.0
≤ VCC < 4.5 V
35
2.7
≤ VCC < 4.0 V
40
2.2
≤ VCC < 2.7 V
45
2.0
≤ VCC < 2.2 V
50
tWH(SCLK2)
Serial I/O2
clock output “H” pulse
width
4.5
≤ VCC ≤ 5.5 V
tC(SCLK2)/2-160
ns
4.0
≤ VCC < 4.5 V
tC(SCLK2)/2-200
2.7
≤ VCC < 4.0 V
tC(SCLK2)/2-240
2.2
≤ VCC < 2.7 V
tC(SCLK2)/2-260
2.0
≤ VCC < 2.2 V
tC(SCLK2)/2-280
tWL(SCLK2)
Serial I/O2
clock output “L” pulse
width
4.5
≤ VCC ≤ 5.5 V
tC(SCLK2)/2-160
ns
4.0
≤ VCC < 4.5 V
tC(SCLK2)/2-200
2.7
≤ VCC < 4.0 V
tC(SCLK2)/2-240
2.2
≤ VCC < 2.7 V
tC(SCLK2)/2-260
2.0
≤ VCC < 2.2 V
tC(SCLK2)/2-280
td(SCLK2-SOUT2) Serial I/O2
output delay time
4.5
≤ VCC ≤ 5.5 V
200
ns
4.0
≤ VCC < 4.5 V
250
2.7
≤ VCC < 4.0 V
300
2.2
≤ VCC < 2.7 V
350
2.0
≤ VCC < 2.2 V
400
tV(SCLK2-SOUT2)
Serial I/O2
output valid time
4.5
≤ VCC ≤ 5.5 V
0
ns
4.0
≤ VCC < 4.5 V
0
2.7
≤ VCC < 4.0 V
0
2.2
≤ VCC < 2.7 V
0
2.0
≤ VCC < 2.2 V
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com