Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4513 Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # 4513
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 30Page - Renesas Technology Corp 4513 Datasheet HTML 31Page - Renesas Technology Corp 4513 Datasheet HTML 32Page - Renesas Technology Corp 4513 Datasheet HTML 33Page - Renesas Technology Corp 4513 Datasheet HTML 34Page - Renesas Technology Corp 4513 Datasheet HTML 35Page - Renesas Technology Corp 4513 Datasheet HTML 36Page - Renesas Technology Corp 4513 Datasheet HTML 37Page - Renesas Technology Corp 4513 Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 97 page
background image
33
4513/4514 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
WATCHDOG TIMER
Watchdog timer provides a method to reset the system when a pro-
gram runs wild. Watchdog timer consists of a 16-bit timer (WDT),
watchdog timer enable flag (WEF), and watchdog timer flags
(WDF1, WDF2).
The timer WDT downcounts the instruction clocks as the count
source. The underflow signal is generated when the count value
reaches “000016.” This underflow signal can be used as the timer 2
count source.
When the WRST instruction is executed after system is released
from reset, the WEF flag is set to “1”. At this time, the watchdog
timer starts operating.
When the count value of timer WDT reaches “BFFF16” or “3FFF16,”
the WDF1 flag is set to “1.” If the WRST instruction is never ex-
ecuted while timer WDT counts 32767, WDF2 flag is set to “1,” and
the RESET pin outputs “L” level to reset the microcomputer. Ex-
ecute the WRST instruction at each period of 32766 machine cycle
or less by software when using watchdog timer to keep the micro-
computer operating normally.
To prevent the WDT stopping in the event of misoperation, WEF
flag is designed not to initialize once the WRST instruction has
been executed. Note also that, if the WRST instruction is never ex-
ecuted, the watchdog timer does not start.
Fig. 20 Watchdog timer function
The contents of WEF, WDF1 and WDF2 flags and timer WDT are
initialized at the RAM back-up mode.
If WDF2 flag is set to “1” at the same time that the microcomputer
enters the RAM back-up state, system reset may be performed.
When using the watchdog timer and the RAM back-up mode, ini-
tialize the WDF1 flag with the WRST instruction just before the
microcomputer enters the RAM back-up state (refer to Figure 21)
Fig. 21 Program example to enter the RAM back-up mode
when using the watchdog timer
WRST
; WDF1 flag reset
••
•
POF
EPOF
; POF instruction enabled
(RAM back-up state)
••
•
Oscillation
stop
FFFF16
0000 16
3FFF16
BFFF16
The value of timer (WDT)
WDF1 flag
WDF2 flag
WRST
instruction
executed
RESET pin output
System reset
WRST
instruction
executed
WEF flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com