Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4513 Datasheet(PDF) 90 Page - Renesas Technology Corp

Part # 4513
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 90 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 86Page - Renesas Technology Corp 4513 Datasheet HTML 87Page - Renesas Technology Corp 4513 Datasheet HTML 88Page - Renesas Technology Corp 4513 Datasheet HTML 89Page - Renesas Technology Corp 4513 Datasheet HTML 90Page - Renesas Technology Corp 4513 Datasheet HTML 91Page - Renesas Technology Corp 4513 Datasheet HTML 92Page - Renesas Technology Corp 4513 Datasheet HTML 93Page - Renesas Technology Corp 4513 Datasheet HTML 94Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 97 page
background image
89
4513/4514 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
Symbol
VDD
VRAM
VSS
VIH
VIH
VIH
VIH
VIL
VIL
VIL
IOH(peak)
IOH(avg)
IOL(peak)
IOL(peak)
IOL(peak)
IOL(peak)
IOL(avg)
IOL(avg)
IOL(avg)
IOL(avg)
ΣIOH(avg)
ΣIOL(avg)
Parameter
Supply voltage
RAM back-up voltage
(at RAM back-up mode)
Supply voltage
“H” level input voltage
“H” level input voltage
“H” level input voltage
“H” level input voltage
“L” level input voltage
“L” level input voltage
“L” level input voltage
“H” level peak output current
“H” level average output current
“L” level peak output current
“L” level peak output current
“L” level peak output current
“L” level peak output current
“L” level average output current
“L” level average output current
“L” level average output current
“L” level average output current
“H” level total average current
“L” level total average current
Note: The average output current (IOH, IOL) is the average value during 100 ms.
Unit
V
V
V
V
V
V
V
V
V
V
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
Conditions
Mask ROM version
Middle-speed mode
Mask ROM version
High-speed mode
One Time PROM version
Middle-speed mode
One Time PROM version
High-speed mode
Mask ROM version
One Time PROM version
P0, P1, P2, P3, P4, P5, XIN, VDCE
D0–D7
RESET
CNTR0, CNTR1, SIN, SCK, INT0, INT1
P0, P1, P2, P3, P4, P5, D0–D7, XIN, VDCE
RESET
CNTR0, CNTR1, SIN, SCK, INT0, INT1
P5
P5 (Note)
P3, RESET
D6, D7
D0–D5
P0, P1, P4, P5, SCK,
SOUT
P3, RESET (Note)
D6, D7 (Note)
D0–D5 (Note)
P0, P1, P4, P5, SCK,
SOUT (Note)
P5
P5, D, RESET, SCK, SOUT
P0, P1, P3, P4
Max.
5.5
5.5
5.5
5.5
5.5
5.5
5.5
5.5
VDD
12
VDD
VDD
0.2VDD
0.3VDD
0.15VDD
10
4
40
30
24
12
24
12
5
2
30
15
15
7
12
6
80
80
Limits
Min.
2.5
2.0
4.0
2.5
2.0
2.5
4.0
2.5
1.8
2.0
0.8VDD
0.8VDD
0.85VDD
0.85VDD
0
0
0
–20
–10
–10
–5
–30
Typ.
0
f(XIN)
≤ 4.2 MHz
f(XIN)
≤ 3.0 MHz
f(XIN)
≤ 4.2 MHz
f(XIN)
≤ 2.0 MHz
f(XIN)
≤ 1.5 MHz
f(XIN)
≤ 4.2 MHz
f(XIN)
≤ 4.2 MHz
f(XIN)
≤ 2.0 MHz
VDD = 5.0 V
VDD = 3.0 V
VDD = 5.0 V
VDD = 3.0 V
VDD = 5.0 V
VDD = 3.0 V
VDD = 5.0 V
VDD = 3.0 V
VDD = 5.0 V
VDD = 3.0 V
VDD = 5.0 V
VDD = 3.0 V
VDD = 5.0 V
VDD = 3.0 V
VDD = 5.0 V
VDD = 3.0 V
VDD = 5.0 V
VDD = 3.0 V
VDD = 5.0 V
VDD = 3.0 V
RECOMMENDED OPERATING CONDITIONS 1
(Mask ROM version:Ta = –20 °C to 85 °C, VDD = 2.0 V to 5.5 V, unless otherwise noted)
(One Time PROM version:Ta = –20 °C to 85 °C, VDD = 2.5 V to 5.5 V, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com