Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4513 Datasheet(PDF) 92 Page - Renesas Technology Corp

Part # 4513
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 92 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 88Page - Renesas Technology Corp 4513 Datasheet HTML 89Page - Renesas Technology Corp 4513 Datasheet HTML 90Page - Renesas Technology Corp 4513 Datasheet HTML 91Page - Renesas Technology Corp 4513 Datasheet HTML 92Page - Renesas Technology Corp 4513 Datasheet HTML 93Page - Renesas Technology Corp 4513 Datasheet HTML 94Page - Renesas Technology Corp 4513 Datasheet HTML 95Page - Renesas Technology Corp 4513 Datasheet HTML 96Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 97 page
background image
91
4513/4514 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
ELECTRICAL CHARACTERISTICS
(Mask ROM version:Ta = –20 °C to 85 °C, VDD = 2.0 V to 5.5 V, unless otherwise noted)
(One Time PROM version:Ta = –20 °C to 85 °C, VDD = 2.5 V to 5.5 V, unless otherwise noted)
Symbol
VOH
VOL
VOL
VOL
VOL
IIH
IIH
IIL
IIL
IDD
RPU
VT+ – VT–
VT+ – VT–
Parameter
“H” level output voltage P5
“L” level output voltage P0, P1, P4, P5
“L” level output voltage P3, RESET
“L” level output voltage D6, D7
“L” level output voltage D0–D5
“H” level input current
P0, P1, P2, P3, P4, P5, RESET, VDCE
“H” level input current D0–D7
“L” level input current
P0, P1, P2, P3, P4, P5, RESET, VDCE
“L” level input current D0–D7
Supply current
Pull-up resistor value
Hysteresis INT0, INT1, CNTR0, CNTR1,
SIN, SCK
Hysteresis RESET
at active mode
at RAM back-up mode
Unit
V
V
V
V
V
V
µA
µA
µA
µA
mA
µA
k
Ω
V
V
Test conditions
VDD = 5 V
VDD = 3 V
VDD = 5 V
VDD = 3 V
VDD = 5 V
VDD = 3 V
VDD = 5 V
VDD = 3 V
VDD = 5 V
VDD = 3 V
VI = VDD, port P4 selected,
port P5: input state
VI = 12 V
VI = 0 V No pull-up of ports P0 and P1,
port P4 selected, port P5: input state
VI = 0 V
VDD = 5 V
Middle-speed mode
VDD = 3 V
Middle-speed mode
VDD = 5 V
High-speed mode
VDD = 3 V
High-speed mode
Ta = 25 °C
VDD = 5 V
VDD = 3 V
VDD = 5 V
VDD = 3 V
VDD = 5 V
VDD = 3 V
VDD = 5 V
VDD = 3 V
Limits
Max.
2
0.9
2
0.9
2
0.9
2
0.9
2
0.9
1
1
5.5
1.5
2.7
0.6
9.0
1.8
2.7
0.9
1
10
6
125
250
IOH = –10 mA
IOH = –5 mA
IOL = 12 mA
IOL = 6 mA
IOL = 5 mA
IOL = 2 mA
IOL = 30 mA
IOL = 10 mA
IOL = 15 mA
IOL = 5 mA
IOL = 15 mA
IOL = 3 mA
Min.
3
2
–1
–1
20
40
Typ.
1.8
0.5
0.9
0.2
3.0
0.6
0.9
0.3
0.1
50
100
0.3
0.3
1.5
0.6
f(XIN) = 4.0 MHz
f(XIN) = 400 kHz
f(XIN) = 4.0 MHz
f(XIN) = 400 kHz
f(XIN) = 4.0 MHz
f(XIN) = 400 kHz
f(XIN) = 2.0 MHz
f(XIN) = 400 kHz
VI = 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com