Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4513 Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # 4513
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 43Page - Renesas Technology Corp 4513 Datasheet HTML 44Page - Renesas Technology Corp 4513 Datasheet HTML 45Page - Renesas Technology Corp 4513 Datasheet HTML 46Page - Renesas Technology Corp 4513 Datasheet HTML 47Page - Renesas Technology Corp 4513 Datasheet HTML 48Page - Renesas Technology Corp 4513 Datasheet HTML 49Page - Renesas Technology Corp 4513 Datasheet HTML 50Page - Renesas Technology Corp 4513 Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 97 page
background image
46
4513/4514 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
Voltage comparator control register Q3 (Note 2)
at reset : 00002
at RAM back-up : state retained
Q33
Q32
Q31
Q30
Voltage comparator (CMP1) invalid
Voltage comparator (CMP1) valid
Voltage comparator (CMP0) invalid
Voltage comparator (CMP0) valid
CMP1- > CMP1+
CMP1- < CMP1+
CMP0- > CMP0+
CMP0- < CMP0+
Voltage comparator (CMP1) control bit
Voltage comparator (CMP0) control bit
CMP1 comparison result store bit
CMP0 comparison result store bit
0
1
0
1
0
1
0
1
Notes 1: “R” represents read enabled, and “W” represents write enabled.
2: Bits 0 and 1 of register Q3 can be only read.
(1) Voltage comparator control register Q3
Register Q3 controls the function of the voltage comparator.
The function of the voltage comparator CMP0 becomes valid by
setting bit 2 of register Q3 to “1,” and becomes invalid by setting bit
2 of register Q3 to ”0.” The comparison result of the voltage com-
parator CMP0 is stored into bit 0 of register Q3.
The function of the voltage comparator CMP1 becomes valid by
setting bit 3 of register Q3 to “1,” and becomes invalid by setting bit
3 of register Q3 to ”0.” The comparison result of the voltage com-
parator CMP1 is stored into bit 1 of register Q3.
(2) Operation description of voltage
comparator
The voltage comparator function becomes valid by setting each
control bit of register Q3 to “1” and compares the voltage of the in-
put pin. The comparison result is stored into each comparison
result store bit of register Q3.
The comparison result is as follows;
• When CMP0- > CMP0+, Q30 = “0”
When CMP0- < CMP0+, Q30 = “1”
• When CMP1- > CMP1+, Q31 = “0”
When CMP1- < CMP1+, Q31 = “1”
(3) Precautions
When the voltage comparator is used, note the following;
• Voltage comparator function
When the voltage comparator function is valid with the voltage
comparator control register Q3, it is operating even in the RAM
back-up mode. Accordingly, be careful about such state because
it causes the increase of the operation current in the RAM back-
up mode.
In order to reduce the operation current in the RAM back-up
mode, invalidate (bits 2 and 3 of register Q3 = “0”) the voltage
comparator function by software before the POF instruction is
executed.
Also, while the voltage comparator function is valid, current is al-
ways consumed by voltage comparator. On the system required
for the low-power dissipation, invalidate the voltage comparator
by software when it is unused.
• Register Q3
Bits 0 and 1 of register Q3 can be only read. Note that they can-
not be written.
• Reading the comparison result of voltage comparator
Read the voltage comparator comparison result from register Q3
after the voltage comparator response time (max. 20
µs) is
passed from the voltage comparator function becomes valid.
R/W
Table 18 Voltage comparator control register Q3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com