Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4513 Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # 4513
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 22Page - Renesas Technology Corp 4513 Datasheet HTML 23Page - Renesas Technology Corp 4513 Datasheet HTML 24Page - Renesas Technology Corp 4513 Datasheet HTML 25Page - Renesas Technology Corp 4513 Datasheet HTML 26Page - Renesas Technology Corp 4513 Datasheet HTML 27Page - Renesas Technology Corp 4513 Datasheet HTML 28Page - Renesas Technology Corp 4513 Datasheet HTML 29Page - Renesas Technology Corp 4513 Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 97 page
background image
25
4513/4514 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
(1) External 0 interrupt request flag (EXF0)
External 0 interrupt request flag (EXF0) is set to “1” when a valid
waveform is input to P30/INT0 pin.
The valid waveforms causing the interrupt must be retained at their
level for 4 clock cycles or more of the system clock (Refer to Figure
16).
The state of EXF0 flag can be examined with the skip instruction
(SNZ0). Use the interrupt control register V1 to select the interrupt
or the skip instruction. The EXF0 flag is cleared to “0” when an in-
terrupt occurs or when the next instruction is skipped with the skip
instruction.
The P30/INT0 pin need not be selected the external interrupt input
INT0 function or the normal I/O port P30 function. However, the
EXF0 flag is set to “1” when a valid waveform is input even if it is
used as an I/O port P30.
• External 0 interrupt activated condition
External 0 interrupt activated condition is satisfied when a valid
waveform is input to P30/INT0 pin.
The valid waveform can be selected from rising waveform, falling
waveform or both rising and falling waveforms. An example of
how to use the external 0 interrupt is as follows.
➀ Select the valid waveform with the bits 1 and 2 of register I1.
➁ Clear the EXF0 flag to “0” with the SNZ0 instruction.
➂ Set the NOP instruction for the case when a skip is performed
with the SNZ0 instruction.
➃ Set both the external 0 interrupt enable bit (V10) and the INTE
flag to “1.”
The external 0 interrupt is now enabled. Now when a valid wave-
form is input to the P30/INT0 pin, the EXF0 flag is set to “1” and the
external 0 interrupt occurs.
(2) External 1 interrupt request flag (EXF1)
External 1 interrupt request flag (EXF1) is set to “1” when a valid
waveform is input to P31/INT1 pin.
The valid waveforms causing the interrupt must be retained at their
level for 4 clock cycles or more of the system clock (Refer to Figure
16).
The state of EXF1 flag can be examined with the skip instruction
(SNZ1). Use the interrupt control register V1 to select the interrupt
or the skip instruction. The EXF1 flag is cleared to “0” when an in-
terrupt occurs or when the next instruction is skipped with the skip
instruction.
The P31/INT1 pin need not be selected the external interrupt input
INT1 function or the normal I/O port P31 function. However, the
EXF1 flag is set to “1” when a valid waveform is input even if it is
used as an I/O port P31.
• External 1 interrupt activated condition
External 1 interrupt activated condition is satisfied when a valid
waveform is input to P31/INT1 pin.
The valid waveform can be selected from rising waveform, falling
waveform or both rising and falling waveforms. An example of
how to use the external 1 interrupt is as follows.
➀ Select the valid waveform with the bits 1 and 2 of register I2.
➁ Clear the EXF1 flag to “0” with the SNZ1 instruction.
➂ Set the NOP instruction for the case when a skip is performed
with the SNZ1 instruction.
➃ Set both the external 1 interrupt enable bit (V11) and the INTE
flag to “1.”
The external 1 interrupt is now enabled. Now when a valid wave-
form is input to the P31/INT1 pin, the EXF1 flag is set to “1” and the
external 1 interrupt occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com