Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4513 Datasheet(PDF) 70 Page - Renesas Technology Corp

Part # 4513
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 70 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 66Page - Renesas Technology Corp 4513 Datasheet HTML 67Page - Renesas Technology Corp 4513 Datasheet HTML 68Page - Renesas Technology Corp 4513 Datasheet HTML 69Page - Renesas Technology Corp 4513 Datasheet HTML 70Page - Renesas Technology Corp 4513 Datasheet HTML 71Page - Renesas Technology Corp 4513 Datasheet HTML 72Page - Renesas Technology Corp 4513 Datasheet HTML 73Page - Renesas Technology Corp 4513 Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 97 page
background image
Skip condition
Datailed description
69
4513/4514 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
Transfers the contents of register B to register A.
Transfers the contents of register A to register B.
Transfers the contents of register Y to register A.
Transfers the contents of register A to register Y.
Transfers the contents of registers A and B to register E.
Transfers the contents of register E to registers A and B.
Transfers the contents of register A to register D.
Transfers the contents of register D to register A.
Transfers the contents of register Z to register A.
Transfers the contents of register X to register A.
Transfers the contents of stack pointer (SP) to register A.
Loads the value x in the immediate field to register X, and the value y in the immediate field to register Y.
When the LXY instructions are continuously coded and executed, only the first LXY instruction is executed
and other LXY instructions coded continuously are skipped.
Loads the value z in the immediate field to register Z.
Adds 1 to the contents of register Y. As a result of addition, when the contents of register Y is 0, the next in-
struction is skipped.
Subtracts 1 from the contents of register Y. As a result of subtraction, when the contents of register Y is 15,
the next instruction is skipped.
After transferring the contents of M(DP) to register A, an exclusive OR operation is performed between reg-
ister X and the value j in the immediate field, and stores the result in register X.
After exchanging the contents of M(DP) with the contents of register A, an exclusive OR operation is per-
formed between register X and the value j in the immediate field, and stores the result in register X.
After exchanging the contents of M(DP) with the contents of register A, an exclusive OR operation is per-
formed between register X and the value j in the immediate field, and stores the result in register X.
Subtracts 1 from the contents of register Y. As a result of subtraction, when the contents of register Y is 15,
the next instruction is skipped.
After exchanging the contents of M(DP) with the contents of register A, an exclusive OR operation is per-
formed between register X and the value j in the immediate field, and stores the result in register X. Adds 1
to the contents of register Y. As a result of addition, when the contents of register Y is 0, the next instruction
is skipped.
After transferring the contents of register A to M(DP), an exclusive OR operation is performed between reg-
ister X and the value j in the immediate field, and stores the result in register X.
–
–
–
–
–
–
–
–
–
–
–
Continuous
description
–
(Y) = 0
(Y) = 15
–
–
(Y) = 15
(Y) = 0
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com