Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4513 Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # 4513
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 53Page - Renesas Technology Corp 4513 Datasheet HTML 54Page - Renesas Technology Corp 4513 Datasheet HTML 55Page - Renesas Technology Corp 4513 Datasheet HTML 56Page - Renesas Technology Corp 4513 Datasheet HTML 57Page - Renesas Technology Corp 4513 Datasheet HTML 58Page - Renesas Technology Corp 4513 Datasheet HTML 59Page - Renesas Technology Corp 4513 Datasheet HTML 60Page - Renesas Technology Corp 4513 Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 97 page
background image
56
4513/4514 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
Clock signal f(XIN) is obtained by externally connecting a ceramic
resonator.
Connect this external circuit to pins XIN and XOUT at the shortest
distance. A feedback resistor is built in between pins XIN and XOUT.
When an external clock signal is input, connect the clock source to
XIN and leave XOUT open. When using an external clock, the maxi-
mum value of external clock oscillating frequency is shown in Table
24.
Table 24 Maximum value of external clock oscillation frequency
Supply voltage
VDD = 2.0 V to 5.5 V
VDD = 4.0 V to 5.5 V
VDD = 2.5 V to 5.5 V
VDD = 2.0 V to 5.5 V
VDD = 2.5 V to 5.5 V
VDD = 4.0 V to 5.5 V
VDD = 2.5 V to 5.5 V
Oscillation frequency (duty ratio)
3.0 MHz (40 % to 60 %)
3.0 MHz (40 % to 60 %)
1.0 MHz (40 % to 60 %)
0.8 MHz (40 % to 60 %)
3.0 MHz (40 % to 60 %)
3.0 MHz (40 % to 60 %)
1.0 MHz (40 % to 60 %)
ROM ORDERING METHOD
1.Mask ROM Order Confirmation Form✽
2.Mark Specification Form✽
3.Data to be written to ROM, in EPROM form (three identical cop-
ies) or one floppy disk.
✽For the mask ROM confirmation and the mark specifications, re-
fer to the “Mitsubishi MCU Technical Information” Homepage
(http://www.infomicom.maec.co.jp/indexe.htm).
Fig. 42 Ceramic resonator external circuit
Fig. 43 External clock input circuit
Note: Externally connect a
damping resistor Rd de-
pending on the oscillation
frequency.
(A feedback resistor is
built-in.)
Use the resonator manu-
facturer’s recommended
value because constants
such as capacitance de-
pend on the resonator.
Mask ROM version
One Time PROM version
Middle-speed mode
High-speed mode
Middle-speed mode
High-speed mode
4513/4514
XIN
XOUT
Rd
CIN
COUT
4513/4514
XIN
XOUT
External oscillation circuit
VDD
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com