Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4513 Datasheet(PDF) 93 Page - Renesas Technology Corp

Part # 4513
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 89Page - Renesas Technology Corp 4513 Datasheet HTML 90Page - Renesas Technology Corp 4513 Datasheet HTML 91Page - Renesas Technology Corp 4513 Datasheet HTML 92Page - Renesas Technology Corp 4513 Datasheet HTML 93Page - Renesas Technology Corp 4513 Datasheet HTML 94Page - Renesas Technology Corp 4513 Datasheet HTML 95Page - Renesas Technology Corp 4513 Datasheet HTML 96Page - Renesas Technology Corp 4513 Datasheet HTML 97Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 93 / 97 page
background image
92
4513/4514 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
A-D CONVERTER RECOMMENDED OPERATING CONDITIONS
(Comparator mode included, Ta = –20 °C to 85 °C, unless otherwise noted)
Symbol
VDD
VIA
f(XIN)
Parameter
Supply voltage
Analog input voltage
Oscillation frequency
A-D CONVERTER CHARACTERISTICS
(Ta = –20 °C to 85 °C, unless otherwise noted)
Conditions
Unit
V
V
MHz
MHz
Middle-speed mode, VDD
≥ 2.7 V
High-speed mode, VDD
≥ 2.7 V
Min.
2.7
0
0.8
0.4
Typ.
Max.
5.5
VDD
Limits
Symbol
–
–
–
V0T
VFST
IADD
TCONV
–
–
–
Parameter
Resolution
Linearity error
Differential non-linearity error
Zero transition voltage
Full-scale transition voltage
A–D operating current
A-D conversion time
Comparator resolution
Comparator error (Note)
Comparator comparison time
Test conditions
Unit
bits
LSB
LSB
mV
mV
mA
µs
bits
mV
µs
Ta = 25 °C, VDD = 2.7 V to 5.5 V
Ta = –25 °C to 85 ° C, VDD = 3.0 V to 5.5 V
Ta = 25 °C, VDD = 2.7 V to 5.5 V
Ta = –25 °C to 85 ° C, VDD = 3.0 V to 5.5 V
VDD = 5.12 V
VDD = 3.072 V
VDD = 5.12 V
VDD = 3.072 V
VDD = 5.0 V
VDD = 3.0 V
f(XIN) = 4.0 MHz, Middle-speed mode
f(XIN) = 4.0 MHz, High-speed mode
Comparator mode
VDD = 5.12 V
VDD = 3.072 V
f(XIN) = 4.0 MHz, Middle-speed mode
f(XIN) = 4.0 MHz, High-speed mode
Min.
0
0
5105
3060
Typ.
5
3
5115
3069
0.7
0.2
Max.
10
±2
±0.9
20
15
5125
3075
2.0
0.4
93.0
46.5
8
±20
±15
12
6
Limits
f(XIN) = 0.4 MHz to 4.0 MHz
f(XIN) = 0.4 MHz to 2.0 MHz
Note: As for the error from the ideal value in the comparator mode, when the contents of the comparator register is n, the logic value of the comparison volt-
age Vref which is generated by the built-in DA converter can be obtained by the following formula.
Logic value of comparison voltage Vref
Vref =
✕ n
n = Value of register AD (n = 0 to 255)
VDD
256
VOLTAGE DROP DETECTION CIRCUIT CHARACTERISTICS
(Ta = –20 °C to 85 °C, unless otherwise noted)
Test conditions
Ta = 25 °C
VDD = 5.0 V
Parameter
Detection voltage
Operation current of voltage
drop detection circuit
Symbol
VRST
IRST
Limits
Unit
V
µA
Min.
2.7
3.3
Typ.
3.5
50
Max.
4.1
3.7
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com