Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4513 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # 4513
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 10Page - Renesas Technology Corp 4513 Datasheet HTML 11Page - Renesas Technology Corp 4513 Datasheet HTML 12Page - Renesas Technology Corp 4513 Datasheet HTML 13Page - Renesas Technology Corp 4513 Datasheet HTML 14Page - Renesas Technology Corp 4513 Datasheet HTML 15Page - Renesas Technology Corp 4513 Datasheet HTML 16Page - Renesas Technology Corp 4513 Datasheet HTML 17Page - Renesas Technology Corp 4513 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 97 page
background image
4513/4514 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
13
PORT BLOCK DIAGRAMS (continued)
P50–P53
D
T
Q
OP5A instruction
Ai
Register A
IAP5 instruction
D0–D5
SD instruction
S
R
Q
Decoder
Skip decision
(SZD instruction)
Register Y
RD instruction
D6/CNTR0
S
R
Q
Skip decision (SZD instruction)
SD instruction
Decoder
Register Y
RD instruction
0
1
W60
Timer 1 underflow signal divided by 2 or
signal of AND operation between
timer 1 underflow signal divided by 2 and
timer 2 underflow signal divided by 2
Clock input for timer 2 event count
D7/CNTR1
S
R
Q
0
1
W62
Direction register FR0i
Skip decision (SZD instruction)
SD instruction
Decoder
Register Y
RD instruction
Clock input for timer 4 event count
This symbol represents a parasitic diode on the port.
• Applied potential to ports D0–D7 must be 12 V.
• i represents 0, 1, 2, or 3.
• The 4513 Group does not have port P5.
•
CLD instruction
Timer 3 underflow signal divided by 2 or
signal of AND operation between
timer 3 underflow signal divided by 2 and
timer 4 underflow signal divided by 2
CLD instruction
CLD instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com