Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4513 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # 4513
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 45Page - Renesas Technology Corp 4513 Datasheet HTML 46Page - Renesas Technology Corp 4513 Datasheet HTML 47Page - Renesas Technology Corp 4513 Datasheet HTML 48Page - Renesas Technology Corp 4513 Datasheet HTML 49Page - Renesas Technology Corp 4513 Datasheet HTML 50Page - Renesas Technology Corp 4513 Datasheet HTML 51Page - Renesas Technology Corp 4513 Datasheet HTML 52Page - Renesas Technology Corp 4513 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 97 page
background image
48
4513/4514 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
(1) Power-on reset
Reset can be performed automatically at power on (power-on re-
set) by connecting resistors, a diode, and a capacitor to RESET
pin. Connect RESET pin and the external circuit at the shortest dis-
tance.
Fig. 34 Power-on reset circuit example
(2) Internal state at reset
Table 19 shows port state at reset, and Figure 35 shows internal
state at reset (they are the same after system is released from re-
set). The contents of timers, registers, flags and RAM except
shown in Figure 35 are undefined, so set the initial value to them.
Table 19 Port state at reset
Name
D0–D5
D6/CNTR0, D7/CNTR1
P00–P03
P10–P13
P20/SCK, P21/SOUT, P22/SIN
P30/INT0, P31/INT1
P32, P33 (Note 4)
P40/AIN4–P43/AIN7 (Note 4)
P50–P53 (Note 4)
Notes 1: Output latch is set to “1.”
2: Pull-up transistor is turned OFF.
3: After system is released from reset, port P5 is in the input mode. (Direction register FR0 = 00002)
4: The 4513 Group does not have these ports.
Function
D0–D5
D6, D7
P00–P03
P10–P13
P20–P22
P30, P31
P32, P33
P40–P43
P50–P53
State
High impedance (Note)
High impedance (Notes 1, 2)
High impedance
High impedance (Note 1)
High impedance (Note 1)
High impedance (Note 3)
RESET pin
WEF
(Note)
Internal reset signal
Voltage drop detection circuit
Watchdog timer output
VDD
RESET pin voltage
Power-on
Reset released
Internal reset signal
Reset state
Note:
This symbol represents a parasitic diode.
Applied potential to RESET pin must be VDD or less.
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com