Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4513 Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # 4513
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 87Page - Renesas Technology Corp 4513 Datasheet HTML 88Page - Renesas Technology Corp 4513 Datasheet HTML 89Page - Renesas Technology Corp 4513 Datasheet HTML 90Page - Renesas Technology Corp 4513 Datasheet HTML 91Page - Renesas Technology Corp 4513 Datasheet HTML 92Page - Renesas Technology Corp 4513 Datasheet HTML 93Page - Renesas Technology Corp 4513 Datasheet HTML 94Page - Renesas Technology Corp 4513 Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 97 page
background image
90
4513/4514 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
VDD = 2.5 V to 5.5 V
VDD = 2.0 V to 5.5 V
VDD = 2.5 V to 5.5 V
VDD = 4.0 V to 5.5 V
VDD = 2.5 V to 5.5 V
VDD = 2.0 V to 5.5 V
VDD = 4.0 V to 5.5 V
VDD = 2.5 V to 5.5 V
VDD = 2.0 V to 5.5 V
VDD = 2.5 V to 5.5 V
VDD = 4.0 V to 5.5 V
VDD = 2.5 V to 5.5 V
VDD = 2.0 V to 5.5 V
VDD = 4.0 V to 5.5 V
VDD = 2.5 V to 5.5 V
VDD = 4.0 V to 5.5 V
VDD = 2.5 V to 5.5 V
VDD = 2.0 V to 5.5 V
VDD = 4.0 V to 5.5 V
VDD = 2.5 V to 5.5 V
VDD = 4.0 V to 5.5 V
VDD = 2.5 V to 5.5 V
VDD = 2.0 V to 5.5 V
VDD = 4.0 V to 5.5 V
VDD = 2.5 V to 5.5 V
VDD = 4.0 V to 5.5 V
VDD = 2.5 V to 5.5 V
VDD = 2.0 V to 5.5 V
VDD = 4.0 V to 5.5 V
VDD = 2.5 V to 5.5 V
VDD = 4.0 V to 5.5 V
VDD = 2.5 V to 5.5 V
VDD = 2.0 V to 5.5 V
VDD = 4.0 V to 5.5 V
VDD = 2.5 V to 5.5 V
RECOMMENDED OPERATING CONDITIONS 2
(Mask ROM version:Ta = –20 °C to 85 °C, VDD = 2.0 V to 5.5 V, unless otherwise noted)
(One Time PROM version:Ta = –20 °C to 85 °C, VDD = 2.5 V to 5.5 V, unless otherwise noted)
Symbol
f(XIN)
f(XIN)
tw(SCK)
tw(CNTR)
Parameter
Oscillation frequency
(with a ceramic resonator)
Oscillation frequency
(with external clock input)
Serial I/O external clock period
(“H” and “L” pulse width)
Timer external input period
(“H” and “L” pulse width)
Conditions
Unit
MHz
MHz
µs
ns
µs
ns
µs
µs
ns
µs
ns
µs
Max.
4.2
3.0
4.2
4.2
2.0
1.5
4.2
2.0
3.0
3.0
3.0
1.0
0.8
3.0
1.0
Limits
Mask ROM version
Middle-speed mode
One Time PROM version
Middle-speed mode
Mask ROM version
High-speed mode
One Time PROM version
High-speed mode
Mask ROM version
Middle-speed mode
One Time PROM version
Middle-speed mode
Mask ROM version
High-speed mode
One Time PROM version
High-speed mode
Mask ROM version
Middle-speed mode
One Time PROM version
Middle-speed mode
Mask ROM version
High-speed mode
One Time PROM version
High-speed mode
Mask ROM version
Middle-speed mode
One Time PROM version
Middle-speed mode
Mask ROM version
High-speed mode
One Time PROM version
High-speed mode
Min.
Typ.
1.5
3.0
4.0
1.5
3.0
750
1.5
2.0
750
1.5
1.5
3.0
4.0
1.5
3.0
750
1.5
2.0
750
1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com