Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4513 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # 4513
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 35Page - Renesas Technology Corp 4513 Datasheet HTML 36Page - Renesas Technology Corp 4513 Datasheet HTML 37Page - Renesas Technology Corp 4513 Datasheet HTML 38Page - Renesas Technology Corp 4513 Datasheet HTML 39Page - Renesas Technology Corp 4513 Datasheet HTML 40Page - Renesas Technology Corp 4513 Datasheet HTML 41Page - Renesas Technology Corp 4513 Datasheet HTML 42Page - Renesas Technology Corp 4513 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 97 page
background image
38
4513/4514 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
Table 13 Processing sequence of data transfer from master to slave
1-byte data is serially transferred on this process. Subsequently, data
can be transferred continuously by repeating the process from *.
When an external clock is selected as a synchronous clock, the
clock is not controlled internally. Control the clock externally be-
cause serial transfer is performed as long as clock is externally
input. (Unlike an internal clock, an external clock is not stopped
when serial transfer is completed.) However, the SIOF flag is set to
“1” when the clock is counted 8 times after executing the SST in-
struction. Be sure to set the initial level of the external clock to “H.”
Master (transmission)
[Initial setting]
• Setting the serial I/O mode register J1 and inter-
rupt control register V2 shown in Figure 24.
TJ1A and TV2A instructions
• Setting the port received the reception enable
signal (SRDY) to the input mode.
(Port D5 is used in this example)
SD instruction
* [Transmission enable state]
• Storing transmission data to serial I/O register SI.
TSIAB instruction
[Transmission]
•Check port D5 is “L” level.
SZD instruction
•Serial transfer starts.
SST instruction
•Check transmission completes.
SNZSI instruction
•Wait (timing when continuously transferring)
Slave (reception)
[Initial setting]
• Setting serial I/O mode register J1, and interrupt control register V2 shown in
Figure 24.
TJ1A and TV2A instructions
• Setting the port transmitted the reception enable signal (SRDY) and outputting
“H” level (reception impossible).
(Port D5 is used in this example)
SD instruction
*[Reception enable state]
• The SIOF flag is cleared to “0.”
SST instruction
• “L” level (reception possible) is output from port D5.
RD instruction
[Reception]
• Check reception completes.
SNZSI instruction
• “H” level is output from port D5.
SD instruction
[Data processing]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com