Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4513 Datasheet(PDF) 87 Page - Renesas Technology Corp

Part # 4513
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4513 Datasheet(HTML) 87 Page - Renesas Technology Corp

Back Button 4513 Datasheet HTML 83Page - Renesas Technology Corp 4513 Datasheet HTML 84Page - Renesas Technology Corp 4513 Datasheet HTML 85Page - Renesas Technology Corp 4513 Datasheet HTML 86Page - Renesas Technology Corp 4513 Datasheet HTML 87Page - Renesas Technology Corp 4513 Datasheet HTML 88Page - Renesas Technology Corp 4513 Datasheet HTML 89Page - Renesas Technology Corp 4513 Datasheet HTML 90Page - Renesas Technology Corp 4513 Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 97 page
background image
86
4513/4514 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
Table 25 Product of built-in PROM version
Product
M34513E4SP/FP
M34513E8FP
M34514E8FP
ROM type
One Time PROM version
[shipped in blank]
PROM size
(✕ 10 bits)
4096 words
8192 words
8192 words
RAM size
(✕ 4 bits)
256 words
384 words
384 words
Package
SP: 32P4B FP: 32P6U-A
32P6B-A
42P2R-A
Fig. 49 Pin configuration of built-in PROM version of 4513 Group
BUILT-IN PROM VERSION
In addition to the mask ROM versions, the 4513/4514 Group has
programmable ROM version software compatible with mask ROM.
The built-in PROM of One Time PROM version can be written to
and not be erased.
The built-in PROM versions have functions similar to those of the
mask ROM versions, but they have PROM mode that enables writ-
ing to built-in PROM.
Table 25 shows the product of built-in PROM version. Figure 49
and 50 show the pin configurations of built-in PROM versions.
Fig. 50 Pin configuration of built-in PROM version of 4514 Group
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
P13
P12
P11
P10
P03
P02
P01
P00
AIN3/CMP1+
AIN2/CMP1-
AIN1/CMP0+
AIN0/CMP0-
P31/INT1
P30/INT0
VDCE
VDD
D0
D1
D2
D3
D4
D5
D6/CNTR0
D7/CNTR1
P20/SCK
P21/SOUT
P22/SIN
RESET
CNVSS
XOUT
XIN
VSS
Outline 32P4B
M34513ExFP
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
Outline 32P6U-A
D3
D4
D5
D6/CNTR0
D7/CNTR1
P20/SCK
P21/SOUT
P22/SIN
P02
P01
P00
AIN3/CMP1+
AIN2/CMP1-
AIN1/CMP0+
AIN0/CMP0-
P31/INT1
P12
P11
P10
P03
P02
P01
P00
AIN3/CMP1+
AIN2/CMP1-
AIN1/CMP0+
AIN0/CMP0-
P31/INT1
P30/INT0
VDCE
VDD
Outline 42P2R-A
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
P13
D1
D2
D3
D4
D5
D6/CNTR0
D7/CNTR1
P21/SOUT
P20/SCK
P22/SIN
CNVSS
XOUT
XIN
VSS
RESET
P43/AIN7
P32
P33
P42/AIN6
P41/AIN5
P40/AIN4
32
31
30
29
28
27
26
25
24
23
22
33
34
35
36
37
38
39
40
41
42
D0
P50
P51
P52
P53
17
18
19
20
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com