Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7513 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # 7513
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7513 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button 7513 Datasheet HTML 33Page - Renesas Technology Corp 7513 Datasheet HTML 34Page - Renesas Technology Corp 7513 Datasheet HTML 35Page - Renesas Technology Corp 7513 Datasheet HTML 36Page - Renesas Technology Corp 7513 Datasheet HTML 37Page - Renesas Technology Corp 7513 Datasheet HTML 38Page - Renesas Technology Corp 7513 Datasheet HTML 39Page - Renesas Technology Corp 7513 Datasheet HTML 40Page - Renesas Technology Corp 7513 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 66 page
background image
36
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
7513 Group
A-D CONVERTER
[A-D Conversion Registers (ADL, ADH)]
003216, 003316
The A-D conversion registers are read-only registers that contain
the result of an A-D conversion. During A-D conversion, do not
read these registers.
[A-D Control Register (ADCON)] 003116
The A-D control register controls the A-D conversion process. Bits
0 to 2 are analog input pin selection bits. Bit 3 is an A-D conver-
sion completion bit and “0” during A-D conversion, then changes
to “1” when the A-D conversion is completed. Writing “0” to this bit
starts the A-D conversion. Bit 4 controls the transistor which
breaks the through current of the resistor ladder. When bit 5,
which is the AD external trigger valid bit, is set to “1”, A-D conver-
sion is star ted even by a rising edge or falling edge of an ADT
input. Set ports which share with ADT pin to input when using an
A-D external trigger.
[Comparison Voltage Generator]
The comparison voltage generator divides the voltage between
AVSS and VREF, and outputs the divided voltages.
[Channel Selector]
The channel selector selects one of the input ports P67/AN7–P60/
AN0, and inputs it to the comparator.
[Comparator and Control Circuit]
The comparator and control circuit compares an analog input volt-
age with the comparison voltage and stores the result in the A-D
conversion register. When an A-D conversion is completed, the
control circuit sets the AD conversion completion bit and the AD
interrupt request bit to “1”.
Note that the comparator is constructed linked to a capacitor, so
set f(XIN) to at least 500 kHz during A-D conversion.
Use a clock divided the main clock XIN as the internal clock
φ.
Fig. 36 A-D converter block diagram
Fig. 35 Structure of A-D control register
Data bus
A-D control register
A-D conversion register
Resistor ladder
AVSS
Comparater
ADT/A-D interrupt request
b7
b0
A-D control register
3
P60/SIN2/AN0
P61/SOUT2/AN1
P62/SCLK21/AN2
P63/SCLK22/AN3
P64/AN4
P65/AN5
P66/AN6
P67/AN7
10
P40/ADT
VREF
A-D conversion register
(H)
(L)
P56/DA1
A-D control register
(ADCON : address 003116)
Analog input pin selection bits
0 0 0 : P60/SIN2/AN0
0 0 1 : P61/SOUT2/AN1
0 1 0 : P62/SCLK21/AN2
0 1 1 : P63/SCLK22/AN3
1 0 0 : P64/AN4
1 0 1 : P65/AN5
1 1 0 : P66/AN6
1 1 1 : P67/AN7
AD conversion completion bit
0 : Conversion in progress
1 : Conversion completed
VREF input switch bit
0 : OFF
1 : ON
AD external trigger valid bit
0 : A-D external trigger invalid
1 : A-D external trigger valid
Interrupt source selection bit
0 : Interrupt request at A-D
conversion completed
1 : Interrupt request at ADT
input rising or falling
Reference voltage input selection bit
0 : VREF
1 : P56/DA1
b7
b0
b7
b9 b8 b7 b6 b5 b4 b3 b2
b9 b8
b7 b6 b5 b4 b3 b2
•8-bit read (Read only address 003216.)
A-D conversion register (low-order)
(ADL: Address 003216)
•10-bit read (Read address 003316 first.)
Note: High-order 6 bits of address 003316 becomes “0” at reading.
b1 b0
b0
A-D conversion register (low-order)
(ADL: Address 003216)
A-D conversion register (high-order)
(ADH: Address 003316)
b7
b0
b7
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com