Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7513 Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # 7513
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7513 Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button 7513 Datasheet HTML 44Page - Renesas Technology Corp 7513 Datasheet HTML 45Page - Renesas Technology Corp 7513 Datasheet HTML 46Page - Renesas Technology Corp 7513 Datasheet HTML 47Page - Renesas Technology Corp 7513 Datasheet HTML 48Page - Renesas Technology Corp 7513 Datasheet HTML 49Page - Renesas Technology Corp 7513 Datasheet HTML 50Page - Renesas Technology Corp 7513 Datasheet HTML 51Page - Renesas Technology Corp 7513 Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 66 page
background image
47
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
7513 Group
Fig. 52 Initial status at reset
Address
(28)
(29)
(30)
(31)
(32)
(33)
(34)
(35)
(36)
(37)
(38)
(39)
(40)
(41)
(42)
(43)
(44)
(45)
(46)
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(9)
(10)
(11)
(12)
(13)
(14)
(15)
(16)
(17)
(18)
(19)
(20)
(21)
(22)
(23)
(24)
(25)
(26)
(27)
Port P0 direction register
Port P1 direction register
Port P2 direction register
Port P3 output control register
Port P4 direction register
Port P5 direction register
Port P6 direction register
Port P7 direction register
Key input control register
PULL register A
PULL register B
Serial I/O1 status register
Serial I/O1 control register
UART control register
Serial I/O2 control register
Timer X (low-order)
Timer X (high-order)
Timer Y (low-order)
Timer Y (high-order)
Timer 1
Timer 2
Timer 3
Timer X mode register
Timer Y mode register
Timer 123 mode register
TOUT/
φ output control register
PWM control register
000116
000316
000516
000716
000916
000B16
000D16
000F16
001516
001616
001716
001916
001A16
001B16
001D16
002016
002116
002216
002316
002416
002516
002616
002716
002816
002916
002A16
002B16
Register contents
Address
Note: The contents of all other register and RAM are undefined after reset, so they must be initialized by software.
✕ : Undefined
Register contents
0016
0016
0016
0016
0016
0016
0016
0016
0016
3F16
0016
0016
0016
FF16
FF16
FF16
FF16
FF16
0116
FF16
0016
0016
0016
0016
0016
003116
003216
003316
003416
003516
003616
003716
003816
003916
003A16
003B16
003C16
003D16
003E16
003F16
(PS)
(PCH)
(PCL)
A-D control register
A-D conversion register
(low-order)
A-D conversion register
(high-order)
D-A1 conversion register
D-A2 conversion register
D-A control register
Watchdog timer control register
Segment output enable register
LCD mode register
Interrupt edge selection register
CPU mode register
Interrupt request register 1
Interrupt request register 2
Interrupt control register 1
Interrupt control register 2
Processor status register
Program counter
Watchdog timer (high-order)
Watchdog timer (low-order)
Contents of address FFFD 16
Contents of address FFFC 16
0816
XX16
XX16
0016
0016
0016
0016
0016
0016
0016
0016
0016
0016
3F16
FF16
✕
✕
✕
✕
✕
✕
✕
1
10 00 00 00
11 10 00 00
00 11 11 11
01 00 10 00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com