Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7513 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # 7513
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7513 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button 7513 Datasheet HTML 45Page - Renesas Technology Corp 7513 Datasheet HTML 46Page - Renesas Technology Corp 7513 Datasheet HTML 47Page - Renesas Technology Corp 7513 Datasheet HTML 48Page - Renesas Technology Corp 7513 Datasheet HTML 49Page - Renesas Technology Corp 7513 Datasheet HTML 50Page - Renesas Technology Corp 7513 Datasheet HTML 51Page - Renesas Technology Corp 7513 Datasheet HTML 52Page - Renesas Technology Corp 7513 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
48
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
7513 Group
CLOCK GENERATING CIRCUIT
The 7513 group has two built-in oscillation circuits. An oscillation
circuit can be formed by connecting a resonator between XIN and
XOUT (XCIN and XCOUT). Use the circuit constants in accordance
with the resonator manufacturer’s recommended values. No exter-
nal resistor is needed between XIN and XOUT since a feed-back
resistor exists on-chip. However, an external feed-back resistor is
needed between XCIN and XCOUT.
To supply a clock signal externally, input it to the XIN pin and make
the XOUT pin open. The sub-clock XCIN-XCOUT oscillation circuit
cannot directly input clocks that are externally generated. Accord-
ingly, be sure to cause an external resonator to oscillate.
Immediately after poweron, only the XIN oscillation circuit starts
oscillating, and XCIN and XCOUT pins go to high impedance state.
Frequency Control
(1) Middle-speed Mode
The internal clock
φ is the frequency of XIN divided by 8.
After reset, this mode is selected.
(2) High-speed Mode
The internal clock
φ is half the frequency of XIN.
(3) Low-speed Mode
qThe internal clock
φ is half the frequency of XCIN.
qA low-power consumption operation can be realized by stopping
the main clock XIN in this mode. To stop the main clock, set bit 5
of the CPU mode register to “1”.
When the main clock XIN is restarted, set enough time for oscil-
lation to stabilize by programming.
Note: If you switch the mode between middle/high-speed and low-
speed, stabilize both X IN and XCIN oscillations. The
sufficient time is required for the sub-clock to stabilize, es-
pecially immediately after poweron and at returning from
stop mode. When switching the mode between middle/high-
speed and low-speed, set the frequency on condition that
f(XIN)>3f(XCIN).
Fig. 53 Ceramic resonator circuit
Fig. 54 External clock input circuit
Oscillation Control
(1) Stop Mode
If the STP instruction is executed, the internal clock
φ stops at an
“H” level, and XIN and XCIN oscillators stop. The value set to the
timer latch 1 and the timer latch 2 is loaded automatically to the
timer 1 and the timer 2. Thus, a value generated time for stabiliz-
ing oscillation should be set to the timer 1 latch and the timer 2
latch (low-order 8 bits for the timer 1, high-order 8 bits for the timer
2) before executing the STP instruction.
Either XIN or XCIN divided by 16 is input to timer 1 as count
source, and the output of timer 1 is connected to timer 2. The bits
of the timer 123 mode register except bit 4 are cleared to “0,” Set
the timer 1 and timer 2 interrupt enable bits to disabled (“0”) be-
fore executing the STP instruction. Oscillator restarts at reset or
when an external interrupt is received, but the internal clock
φ is
not supplied to the CPU until timer 2 underflows. This allows timer
for the clock circuit oscillation to stabilize.
(2) Wait Mode
If the WIT instruction is executed, the internal clock
φ stops at an
“H” level. The states of XIN and XCIN are the same as the state be-
fore the executing the WIT instruction. The internal clock restarts
at reset or when an interrupt is received. Since the oscillator does
not stop, normal operation can be started immediately after the
clock is restarted.
XIN
XOUT
External oscillation
circuit
Open
VCC
VSS
CCIN
CCOUT
Rf
Rd
XCIN
XCOUT
CIN
COUT
CCIN
CCOUT
Rf
Rd
XCIN
XCOUT
XIN
XOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com