Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7513 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # 7513
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7513 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button 7513 Datasheet HTML 21Page - Renesas Technology Corp 7513 Datasheet HTML 22Page - Renesas Technology Corp 7513 Datasheet HTML 23Page - Renesas Technology Corp 7513 Datasheet HTML 24Page - Renesas Technology Corp 7513 Datasheet HTML 25Page - Renesas Technology Corp 7513 Datasheet HTML 26Page - Renesas Technology Corp 7513 Datasheet HTML 27Page - Renesas Technology Corp 7513 Datasheet HTML 28Page - Renesas Technology Corp 7513 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 66 page
background image
24
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
7513 Group
TIMERS
The 7513 group has five timers: timer X, timer Y, timer 1, timer 2,
and timer 3. Timer X and timer Y are 16-bit timers, and timer 1,
timer 2, and timer 3 are 8-bit timers.
All timers are down count timers. When the timer reaches “0016”,
an underflow occurs at the next count pulse and the correspond-
ing timer latch is reloaded into the timer and the count is
continued. When a timer underflows, the interrupt request bit cor-
responding to that timer is set to “1”.
Read and write operation on 16-bit timer must be performed for
both high and low-order bytes. When reading a 16-bit timer, read
the high-order byte first. When writing to a 16-bit timer, write the
low-order byte first. The 16-bit timer cannot perform the correct
operation when reading during the write operation, or when writing
during the read operation.
Fig. 19 Timer block diagram
CNTR0 active
edge switch bit
Timer 1 count source
selection bit
Real time port
control bit “0”
“1”
P55/CNTR1
“0”
CNTR1 active
edge switch bit
“10”
Timer Y stop
control bit
Falling edge detection
Period
measurement mode
Timer Y
interrupt
request
Pulse width HL continuously measurement mode
Rising edge detection
“00”,“01”,“11”
Timer Y operating
mode bit
Timer X
interrupt
request
Timer X mode register
write signal
P54/CNTR0
Q
Q
T
S
P54 direction register
Pulse output mode
P54 latch
Timer X stop
control bit
“0”
“1”
Timer X write
control bit
Q D
Latch
Q D
Latch
“1”
“0”
“1”
“10”
Timer X operat-
ing mode bits
“00”,“01”,“11”
f(XIN)/16
(f(XCIN)/16 in low-speed mode*)
Pulse width
measurement
mode
CNTR0 active
edge switch bit
Pulse output mode
Q
Q
T
S
“0”
P43 direction register
P43 latch
“1”
TOUT output
active edge
switch bit
Timer 2 write
control bit
“0”
“1”
TOUT output
control bit
“1”
P43/
φ/TOUT
XCIN
Timer 3 count
source selection bit
“0”
“1”
Timer 2
interrupt
request
Timer 3
interrupt
request
Timer 2 count source
selection bit
Timer 1
interrupt
request
Data bus
f(XIN)/16(f(XCIN)/16 in low-speed mode*)
CNTR0
interrupt
request
Timer Y operating mode bit
“00”,“01”,“10”
“11”
Real time port
control bit “1”
P52 latch
Real time port
control bit “1”
P53 latch
Timer Y (low) (8)
Timer Y (high) (8)
Timer 3 latch (8)
Timer 3 (8)
Timer 1 latch (8)
Timer 1 (8)
Timer 2 latch (8)
Timer 2 (8)
Timer X (low) (8)
Timer X (high) (8)
Timer X (low) latch (8)
Timer X (high) latch (8)
Timer Y (low) latch (8)Timer Y (high) latch (8)
TOUT output
control bit
“0”
“0”
“0”
P52
P53
P52 direction register
P53 direction register
P52 data for real time port
P53 data for real time port
f(XIN)/16
(
f(XCIN)/16 in low-speed mode*)
f(XIN)/16
(
f(XCIN)/16 in low-speed mode*)
f(XIN)/16
(
f(XCIN)/16 in low-speed mode*)
CNTR1
interrupt
request
*
φ = XCIN divided by 2 in low-speed mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com