Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7513 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # 7513
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7513 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button 7513 Datasheet HTML 16Page - Renesas Technology Corp 7513 Datasheet HTML 17Page - Renesas Technology Corp 7513 Datasheet HTML 18Page - Renesas Technology Corp 7513 Datasheet HTML 19Page - Renesas Technology Corp 7513 Datasheet HTML 20Page - Renesas Technology Corp 7513 Datasheet HTML 21Page - Renesas Technology Corp 7513 Datasheet HTML 22Page - Renesas Technology Corp 7513 Datasheet HTML 23Page - Renesas Technology Corp 7513 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 66 page
background image
19
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
7513 Group
Fig. 14 Port block diagram (3)
(14) Port P43
Port latch
Data bus
TOUT/
φ output control
Timer output
Direction register
Pull-up control
φ output
TOUT/
φ selection bit
(15) Ports P40, P71–P77
Port latch
Data bus
Direction register
(16) Port P55
Data bus
Direction register
Port latch
Pull-up control
CNTR1 interrupt input
(17) Ports P56, P57
Data bus
Direction register
Port latch
Pull-up control
D-A conversion output
A-D trigger input
Except P71 to P77
D-A1, D-A2 output enable bit
VREF
input switch
VREF
input selection bit
Except P57
(12) Ports P50,P51
Data bus
Port latch
PWM function enable bit
PWM output
Direction register
Pull-up control
(13) Port P54
Port latch
Data bus
Pulse output mode
Timer output
CNTR0 interrupt input
Direction register
Pull-up control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com