Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7513 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # 7513
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7513 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button 7513 Datasheet HTML 42Page - Renesas Technology Corp 7513 Datasheet HTML 43Page - Renesas Technology Corp 7513 Datasheet HTML 44Page - Renesas Technology Corp 7513 Datasheet HTML 45Page - Renesas Technology Corp 7513 Datasheet HTML 46Page - Renesas Technology Corp 7513 Datasheet HTML 47Page - Renesas Technology Corp 7513 Datasheet HTML 48Page - Renesas Technology Corp 7513 Datasheet HTML 49Page - Renesas Technology Corp 7513 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 66 page
background image
45
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
7513 Group
TOUT/
φ CLOCK OUTPUT FUNCTION
The internal system clock
φ or timer 2 divided by 2 (TOUT output)
can be output from port P43 by setting the TOUT/
φ output control
bit (bit 1) of the timer 123 mode register and the TOUT/
φ output
control register. Set bit 3 of the port P4 direction register to “1”
when outputting the clock.
Fig. 49 Structure of TOUT/ f output-related register
TOUT/
φ output control bit
0 :
φ clock output
1 : TOUT output
Not used (return “0” when read)
TOUT/
φ output control register
(CKOUT : address 002A16)
b7
b0
Timer 123 mode register
(T123M : address 002916)
TOUT output active edge switch bit
0 : Start on “H” output
1 : Start on “L” output
TOUT/
φ output control bit
0 : TOUT/
φ output disable
1 : TOUT/
φ output enable
Timer 2 write control bit
0 : Write data in latch and timer
1 : Write data in latch only
Timer 2 count source selection bit
0 : Timer 1 output
1 : f(XIN)/16
(or f(XCIN)/16 in low-speed mode✽)
Timer 3 count source selection bit
0 : Timer 1 output
1 : f(XIN)/16
(or f(XCIN)/16 in low-speed mode✽)
Timer 1 count source selection bit
0 : f(XIN)/16
(or f(XCIN)/16 in low-speed mode✽)
1 : f(XCIN)
Not used (return “0” when read)
✽ : Internal clock
φ is f(XCIN)/2 in low-speed mode.
b7
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com