Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7513 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # 7513
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7513 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button 7513 Datasheet HTML 41Page - Renesas Technology Corp 7513 Datasheet HTML 42Page - Renesas Technology Corp 7513 Datasheet HTML 43Page - Renesas Technology Corp 7513 Datasheet HTML 44Page - Renesas Technology Corp 7513 Datasheet HTML 45Page - Renesas Technology Corp 7513 Datasheet HTML 46Page - Renesas Technology Corp 7513 Datasheet HTML 47Page - Renesas Technology Corp 7513 Datasheet HTML 48Page - Renesas Technology Corp 7513 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 66 page
background image
44
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
7513 Group
WATCHDOG TIMER
The watchdog timer gives a mean of returning to the reset status
when a program cannot run on a normal loop (for example, be-
cause of a software runaway).
The watchdog timer consists of an 8-bit watchdog timer L and a 6-
bit watchdog timer H. At reset or writing to the watchdog timer
control register (address 003716), the watchdog timer is set to
“3FFF16.” When any data is not written to the watchdog timer con-
trol register (address 003716) after reset, the watchdog timer is in
stop state. The watchdog timer starts to count down from “3FFF16”
by writing an optional value into the watchdog timer control regis-
ter (address 003716) and an internal reset occurs at an underflow.
Accordingly, programming is usually performed so that writing to
the watchdog timer control register (address 003716) may be
started before an underflow. The watchdog timer does not function
when an optional value has not been written to the watchdog timer
control register (address 003716). When address 003716 is read,
the following values are read:
qvalue of high-order 6-bit counter
qvalue of STP instruction disable bit
qvalue of count source selection bit.
When bit 6 of the watchdog timer control register (address 003716)
is set to “0,” the STP instruction is valid. The STP instruction is
disabled by rewriting this bit to “1.” At this time, if the STP instruc-
tion is executed, it is processed as an undefined instruction, so
that a reset occurs inside.
This bit cannot be rewritten to “0” by programming. This bit is “0”
immediately after reset.
The count source of the watchdog timer becomes the system
clock
φ divided by 8. The detection time in this case is set to 8.19 s
at f(XCIN) = 32 kHz and 65.536 ms at f(XIN) = 4 MHz.
However, count source of high-order 6-bit timer can be connected
to a signal divided system clock by 8 directly by writing the bit 7 of
the watchdog timer control register (address 003716) to “1.” The
detection time in this case is set to 32 ms at f(XCIN) = 32 kHz and
256
µs at f(XIN) = 4 MHz. There is no difference in the detection
time between the middle-speed mode and the high-speed mode.
Fig. 46 Block diagram of watchdog timer
Fig. 47 Structure of watchdog timer control register
Fig. 48 Timing of reset output
Internal
reset signal
Watchdog timer detection
≅ 2 ms (f(XIN) = 4 MHZ)
f(XIN)
XIN
Data bus
XCIN
“1”
“0”
Internal
system clock
selection bit
“0”
“1”
1/16
Watchdog timer count
source selection bit
Reset circuit
Undefined instruction
Reset
“3F16” is set when
watchdog timer is
written to.
Internal reset
RESETIN
Reset release time wait
“FF16” is set when
watchdog timer is
written to.
STP instruction
STP instruction disable bit
Watchdog timer
H (6)
Watchdog timer
L (8)
b7
b0
Watchdog timer register (address 003716)
WDTCON
STP instruction disable bit
0 : STP instruction enabled
1 : STP instruction disabled
Watchdog timer H count source selecion bit
0 : Internal system clock/2048 (f(XIN)/4096)
1 : Internal system clock/8 (f(XIN)/16)
Watchdog timer H (for read-out of high-order 6 bit)
“3FFF16” is set to the watchdog timer by writing values to this address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com