Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7513 Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # 7513
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7513 Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button 7513 Datasheet HTML 43Page - Renesas Technology Corp 7513 Datasheet HTML 44Page - Renesas Technology Corp 7513 Datasheet HTML 45Page - Renesas Technology Corp 7513 Datasheet HTML 46Page - Renesas Technology Corp 7513 Datasheet HTML 47Page - Renesas Technology Corp 7513 Datasheet HTML 48Page - Renesas Technology Corp 7513 Datasheet HTML 49Page - Renesas Technology Corp 7513 Datasheet HTML 50Page - Renesas Technology Corp 7513 Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 66 page
background image
46
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
7513 Group
RESET CIRCUIT
To reset the microcomputer, RESET pin should be held at an “L”
level for 2 µs or more. Then the RESET pin is returned to an “H”
level (the power source voltage should be between VCC(min.) and
5.5 V, and the oscillation should be stable), reset is released. After
the reset is completed, the program starts from the address con-
tained in address FFFD16 (high-order byte) and address FFFC16
(low-order byte). Make sure that the reset input voltage is less
than 0.2 VCC for VCC of VCC (min.).
Fig. 50 Reset Circuit Example
Fig. 51 Reset Sequence
(Note)
0.2VCC
0V
0V
Poweron
VCC
RESET
VCC
RESET
Power source
voltage detection
circuit
Power source
voltage
Reset input
voltage
Note : Reset release voltage ; VCC=VCC(min.)
RESET
Internal
reset
Address
Data
SYNC
φ
XIN
FFFC
FFFD
ADH, ADL
ADL
ADH
????
XIN : about 8200 cycles
Notes 1: The frequency relation of f(XIN) and f(
φ) is f(XIN) = 8 • f(φ).
2: The question marks (?) indicate an undefined state that
depends on the previous state.
Reset address from
vector table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com