Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7513 Datasheet(PDF) 51 Page - Renesas Technology Corp

Part # 7513
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7513 Datasheet(HTML) 51 Page - Renesas Technology Corp

Back Button 7513 Datasheet HTML 47Page - Renesas Technology Corp 7513 Datasheet HTML 48Page - Renesas Technology Corp 7513 Datasheet HTML 49Page - Renesas Technology Corp 7513 Datasheet HTML 50Page - Renesas Technology Corp 7513 Datasheet HTML 51Page - Renesas Technology Corp 7513 Datasheet HTML 52Page - Renesas Technology Corp 7513 Datasheet HTML 53Page - Renesas Technology Corp 7513 Datasheet HTML 54Page - Renesas Technology Corp 7513 Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 66 page
background image
50
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
7513 Group
Fig. 56 State transitions of system clock
Low-power dissipation
mode (f(
φ) =16 kHz)
Notes 1 : Switch the mode by the allows shown between the mode blocks. (Do not switch between the mode directly without an allow.)
2 : The all modes can be switched to the stop mode or the wait mode and returned to the source mode when the stop mode or the wait mode is ended.
3 : Timer and LCD operate in the wait mode.
4 : When the stop mode is ended, wait time can be set by connecting timer 1 and timer 2 in middle-/high-speed mode.
5 : When the stop mode is ended, wait time can be set by connecting timer 1 and timer 2 in low-speed mode.
6 : Wait until oscillation stabilizes after oscillating the main clock XIN before the switching from the low-speed mode to middle-/high-speed mode.
7 : The example assumes that 8 MHz is being applied to the XIN pin and 32 kHz to the XCIN pin.
φ indicates the internal clock.
CM4 : Sub-clock (XCIN–XCOUT) stop bit
0: Stopped
1: Oscillating
CM5 : Main clock (XIN–XOUT) stop bit
0: Oscillating
1: Stopped
CM6 : Main clock division ratio selection bit
0: f(XIN)/2 (high-speed mode)
1: f(XIN)/8 (middle-speed mode)
CM7 : Internal system clock selection bit
0: XIN–XOUT selected
(middle-/high-speed mode)
1: XCIN–XCOUT selected
(low-speed mode)
CPU mode register
(CPUM : address 003B16)
b7
b4
Reset
CM6
“0”
“1”
Middle-speed mode (f(
φ) =1 MHz)
Middle-speed mode (f(
φ) =1 MHz)
High-speed mode (f(
φ) =4 MHz)
High-speed mode (f(
φ) =4 MHz)
Low-speed mode (f(
φ) =16 kHz)
Low-speed mode (f(
φ) =16 kHz)
Low-power dissipation
mode (f(
φ) =16 kHz)
CM6
“0”
“1”
CM6
“0”
“1”
CM6
“0”
“1”
CM7=0(8MHz selected)
CM6=1(Middle-speed)
CM5=0(8MHz oscillating)
CM4=0(32kHz stoped)
CM7=0(8MHz selected)
CM6=0(High-speed)
CM5=0(8MHz oscillating)
CM4=0(32kHz stoped)
CM7=0(8MHz selected)
CM6=1(Middle-speed)
CM5=0(8MHz oscillating)
CM4=1(32kHz oscillating)
CM7=0(8MHz selected)
CM6=0(High-speed)
CM5=0(8MHz oscillating)
CM4=1(32kHz oscillating)
CM7=1(32kHz selected)
CM6=0(High-speed)
CM5=0(8MHz oscillating)
CM4=1(32kHz oscillating)
CM7=1(32kHz selected)
CM6=1(Middle-speed)
CM5=0(8MHz oscillating)
CM4=1(32kHz oscillating)
CM7=1(32kHz selected)
CM6=1(Middle-speed)
CM5=1(8MHz stopped)
CM4=1(32kHz oscillating)
CM7=1(32kHz selected)
CM6=0(High-speed)
CM5=1(8MHz stopped)
CM4=1(32kHz oscillating)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com