Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7513 Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # 7513
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7513 Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button 7513 Datasheet HTML 34Page - Renesas Technology Corp 7513 Datasheet HTML 35Page - Renesas Technology Corp 7513 Datasheet HTML 36Page - Renesas Technology Corp 7513 Datasheet HTML 37Page - Renesas Technology Corp 7513 Datasheet HTML 38Page - Renesas Technology Corp 7513 Datasheet HTML 39Page - Renesas Technology Corp 7513 Datasheet HTML 40Page - Renesas Technology Corp 7513 Datasheet HTML 41Page - Renesas Technology Corp 7513 Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 66 page
background image
37
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
7513 Group
D-A CONVERTER
The 7513 group has an on-chip D-A converter with 8-bit resolution
and 2 channels (DAi (i=1, 2)). The D-A converter is performed by
setting the value in the D-A conversion register. The result of D-A
converter is output from DAi pin. When using the D-A converter,
the corresponding port direction register bit (P56/DA1, P57/DA2)
should be set to “0” (input status).
The output analog voltage V is determined by the value n (base
10) in the D-A conversion register as follows:
V=VREF ✕ n/256 (n=0 to 255)
Where VREF is the reference voltage.
At reset, the D-A conversion registers are cleared to “0016”, the
DAi output enable bits are cleared to “0”, and DAi pin goes to
high impedance state. The DA output is not buffered, so connect
an external buffer when driving a low-impedance load.
Fig. 37 Structure of D-A control register
Fig. 38 Block diagram of D-A converter
Fig. 39 A-D converter, D-A converter block diagram
DA1 output enable bit/DA 1 VREF
ON/OFF switch
DA2 output enable bit/DA 2 VREF
ON/OFF switch
Not used (return “0” when read)
0 : Output disabled/OFF
1 : Output enabled/ON
b7
b0
D-A control register
(DACON : address 0036 16)
VREF
Resistor ladder
A-D conversion register
(10 bits)
D-A1 conversion register (8 bits)
D-A2 conversion register (8 bits)
R-2R resistor ladder
R-2R resistor ladder
D-A2 output
D-A1 output
(P56)
(P57)
D-A2 output enable switch
D-A1 output enable switch
VREF input
ON/OFF switch
Internal: D-A output
External: VREF
Reference voltage input select switch
D-A1 VREF ON/OFF switch
D-A2 VREF ON/OFF switch
D-A1 conversion register
(DA1: address 003416)
D-A2 conversion register
(DA2: address 003516)
P56/DA1
P57/DA2
Data bus
D-A i conversion register (8)
R-2R resistor ladder
DA i output enable bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com