Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7513 Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # 7513
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7513 Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button 7513 Datasheet HTML 37Page - Renesas Technology Corp 7513 Datasheet HTML 38Page - Renesas Technology Corp 7513 Datasheet HTML 39Page - Renesas Technology Corp 7513 Datasheet HTML 40Page - Renesas Technology Corp 7513 Datasheet HTML 41Page - Renesas Technology Corp 7513 Datasheet HTML 42Page - Renesas Technology Corp 7513 Datasheet HTML 43Page - Renesas Technology Corp 7513 Datasheet HTML 44Page - Renesas Technology Corp 7513 Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 66 page
background image
40
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
7513 Group
Voltage Multiplier (3 Times)
The voltage multiplier performs threefold boosting. This circuit in-
puts a reference voltage for boosting from LCD power input pin
VL1. (However, when using a 1/2 bias, connect VL1 and VL2 and
apply voltage by external resistor division.)
Set each bit of the segment output enable register and the LCD
mode register in the following order for operating the voltage mul-
tiplier.
1. Set the segment output enable bits (bits 0 to 5) of the seg-
ment output enable register to “0” or “1.”
2. Set the duty ratio selection bits (bits 0 and 1), the bias con-
trol bit (bit 2), the LCD circuit divider division ratio selection
bits (bits 5 and 6), and the LCDCK count source selection
bit (bit 7) of the LCD mode register to “0” or “1.”
3. Set the LCD output enable bit (bit 6) of the segment output
enable register to “1.”
4. Set the voltage multiplier control bit (bit 4) of the LCD mode
register to “1.”
When voltage is input to the VL1 pin during operating the voltage
multiplier, voltage that is twice as large as VL1 occurs at the VL2
pin, and voltage that is three times as large as VL1 occurs at the
VL3 pin.
When using the voltage multiplier, apply 1.3 V
≤ Voltage ≤ 2.3 V to
the VL1 pin.
When not using the voltage multiplier,apply proper voltage to the
LCD power input pins (VL1–VL3). Then set the LCD output enable
bit to “1.”
When the LCD output enable bit is set to “0,” the VCC voltage is
applied to the VL3 pin inside of this microcomputer.
The voltage multiplier control bit (bit 4 of the LCD mode register)
controls the voltage multiplier.
Fig. 42 Example of circuit at each bias
Table 10 Bias control and applied voltage to VL1–VL3
Bias value
1/3 bias
Voltage value
VL3=VLCD
VL2=2/3 VLCD
VL1=1/3 VLCD
Note: VLCD is the maximum value of supplied voltage for the LCD panel.
Bias Control and Applied Voltage to LCD
Power Input Pins
To the LCD power input pins (VL1–VL3), apply the voltage shown
in Table 10 according to the bias value.
Select a bias value by the bias control bit (bit 2 of the LCD mode
register).
1/2 bias
VL3=VLCD
VL2=VL1=1/2 VLCD
VL3
VL2
C2
C1
VL1
1/3 bias
when using the voltage multiplier
VL3
VL2
C2
C1
VL1
1/3 bias
when not using the voltage multiplier
Open
Open
R2
R1
R3
R1=R2=R3
Contrast control
VL3
VL2
C2
C1
VL1
1/2 bias
Open
Open
R4
R5
R4=R5
Contrast control
VCC
VCC
PXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com