Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7513 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # 7513
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7513 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button 7513 Datasheet HTML 20Page - Renesas Technology Corp 7513 Datasheet HTML 21Page - Renesas Technology Corp 7513 Datasheet HTML 22Page - Renesas Technology Corp 7513 Datasheet HTML 23Page - Renesas Technology Corp 7513 Datasheet HTML 24Page - Renesas Technology Corp 7513 Datasheet HTML 25Page - Renesas Technology Corp 7513 Datasheet HTML 26Page - Renesas Technology Corp 7513 Datasheet HTML 27Page - Renesas Technology Corp 7513 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 66 page
background image
23
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
7513 Group
Key Input Interrupt (Key-on wake-up)
A Key-on wake up interrupt request is generated by applying a
falling edge to any pin of port P2 that have been set to input mode.
In other words, it is generated when AND of input level goes from
“1” to “0”. An example of using a key input interrupt is shown in
Figure 18, where an interrupt request is generated by pressing
one of the keys consisted as an active-low key matrix which inputs
to ports P20–P23.
Fig. 18 Connection example when using key input interrupt and port P2 block diagram
✽
✽✽
✽
✽✽
✽
✽✽
✽
✽✽
✽
✽✽
✽
✽✽
✽
✽✽
✽
✽✽
Port P20
latch
Port P20
direction register = “0”
Port P21
latch
Port P21
direction register = “0”
Port P22
latch
Port P22
direction register = “0”
Port P23
latch
Port P23
direction register = “0”
Port P24
latch
Port P24
direction register = “1”
Port P25
latch
Port P25
direction register = “1”
Port P26
latch
Port P27
latch
Port P27
direction register = “1”
Port P20
input
Port P21
input
Port P22
input
Port P23
input
Port P24 output
Port P25 output
Port P26 output
Port P27 output
PULLA register
Bit 2 = “1”
Port P2 input
reading circuit
Key input interrupt request
Port PXx
“L” level output
✽ P-channel transistor for pull-up
✽✽ CMOS output buffer
Key input control register = “1”
Key input control register = “1”
Key input control register = “1”
Key input control register = “1”
Key input control register = “1”
Key input control register = “1”
Key input control register = “1”
Port P26
direction register = “1”
Key input control register = “1”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com