Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7513 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 7513
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7513 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 7513 Datasheet HTML 17Page - Renesas Technology Corp 7513 Datasheet HTML 18Page - Renesas Technology Corp 7513 Datasheet HTML 19Page - Renesas Technology Corp 7513 Datasheet HTML 20Page - Renesas Technology Corp 7513 Datasheet HTML 21Page - Renesas Technology Corp 7513 Datasheet HTML 22Page - Renesas Technology Corp 7513 Datasheet HTML 23Page - Renesas Technology Corp 7513 Datasheet HTML 24Page - Renesas Technology Corp 7513 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
20
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
7513 Group
Fig. 15 Port block diagram (4)
(20) Port P61
(21) Port P62
(22) Port P63
Data bus
Serial I/O2 output
Port latch
Serial I/O2 transmit completion signal
Synchronous clock selection bit
Serial I/O2 port selection bit
Direction register
Pull-up control
Analog input pin selection bit
A-D conversion input
P61/SOUT2 P-channel output disable bit
(23) COM0–COM3
(24) SEG0–SEG17
VL3
VL2
VL1
VSS
VL2/VL3
VL1/VSS
The gate input signal of each
transistor is controlled by the
LCD duty ratio and the bias
value.
The voltage applied to the sources of
P-channel and N-channel transistors
is the controlled voltage by the bias
value.
(25) Port P70
Data bus
INT0 input
Synchronous clock selection bit
Data bus
Serial I/O2 clock output
Serial I/O2 clock input
Port latch
Direction register
Data bus
Port latch
Direction register
Synchronous clock selection bit
Serial I/O2 port selection bit
Synchronous clock output pin selection bit
Pull-up control
Synchronous clock output pin
selection bit
Serial I/O2 port selection bit
Pull-up control
Analog input pin selection bit
A-D conversion input
Serial I/O2 clock output
Analog input pin selection bit
A-D conversion input
(18) Ports P64–P67
Analog input pin selection bit
A-D conversion input
Data bus
Port latch
Direction register
Pull-up control
(19) Port P60
Data bus
Port latch
Direction register
Pull-up control
Serial I/O2 input
A-D conversion input
Analog input pin selection bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com