Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0118 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STV0118
Description  PAL/NTSC HIGH PERFORMANCE DIGITAL ENCODER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0118 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STV0118 Datasheet HTML 7Page - STMicroelectronics STV0118 Datasheet HTML 8Page - STMicroelectronics STV0118 Datasheet HTML 9Page - STMicroelectronics STV0118 Datasheet HTML 10Page - STMicroelectronics STV0118 Datasheet HTML 11Page - STMicroelectronics STV0118 Datasheet HTML 12Page - STMicroelectronics STV0118 Datasheet HTML 13Page - STMicroelectronics STV0118 Datasheet HTML 14Page - STMicroelectronics STV0118 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
Active edge (programmable polarity)
Active edge (programmable polarity)
Active edge (programmable polarity)
128 T
ckref = 4.74µs
ODDEVEN
(see Note 1)
VSYNC
HSYNC
(see Note 2)
Line Numbers :
SMPTE-525
CCIR-625
4
1
5
2
6
3
266
313
267
314
268
315
269
316
Notes : 1. When ODDEVEN is a sync input, only one edge (“the active edge”) of the incoming ODDEVEN is taken into account for
synchronization. The “non-active” edge (2nd edge on this drawing) is not critical and its position may differ by H/2 from the location
shown.
2. The HSYNC pulse width indicated is valid when the STV0118 supplies HSYNC. In those slave modes where it receives HSYNC,
only the edge defined as active is relevant, and the width of the HSYNC pulse it receives is not critical.
Figure 9 : ODDEVEN, VSYNC and HSYNC Waveforms
HSYNC
(out)
ODDEVEN
(out)
CKREF
YCRCB
Cb
Y
Cr
Y’
Active Edge
(programmable polarity)
Active Edge
(programmable polarity)
1T
CKREF
Duration of HSYNC Pulse : 128 T
CKREF
Cr
Y’
Note :
1. This figure is valid for bits “syncout_ad[1:0]” = default.
Figure 10 : Master Mode Sync Signals
IV - FUNCTIONAL DESCRIPTION (continued)
IV.4 - Master Mode
In this mode, the STV0118 supplies HSYNC and
ODDEV sync signals (with independentlyprogram-
mable polarities) to drive other blocks. Refer to
Figure 9 and 10 for timings and waveforms.
The STV0118 starts encoding and counting clock
cycles as soon as the master mode has been
loaded into the control register (Reg.0).
Configurationbits “Syncout_ad[1:0]”(Reg4)allow to
shift the relative position of the sync signals by up
to 3 clock cycles to cope with any YCrCb phasing.
STV0118
11/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com