Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0118 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STV0118
Description  PAL/NTSC HIGH PERFORMANCE DIGITAL ENCODER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0118 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STV0118 Datasheet HTML 22Page - STMicroelectronics STV0118 Datasheet HTML 23Page - STMicroelectronics STV0118 Datasheet HTML 24Page - STMicroelectronics STV0118 Datasheet HTML 25Page - STMicroelectronics STV0118 Datasheet HTML 26Page - STMicroelectronics STV0118 Datasheet HTML 27Page - STMicroelectronics STV0118 Datasheet HTML 28Page - STMicroelectronics STV0118 Datasheet HTML 29Page - STMicroelectronics STV0118 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
V.4 - AC Electrical Characteristics
Tamb =25
°C/70°C, VDDA =VDD = 3.3V, unless otherwise specified
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
DIGITAL INPUT (YCRCB[7:0], HSYNC, VSYNC/ODDEVEN)
tsu
Input Data Set-up Time
CKREF rising edge, CKREF = 27MHz
6
ns
tho
Input Data Hold Time
CKREF rising edge, CKREF = 27MHz
3
ns
ACTIVE PERIOD FOR NRESET
tRSTL
Input Low Time
200
ns
REFERENCE CLOCK : CKREF
1/tC_REF
Clock Frequency
27
MHz
tD_REF
Clock Duty Cycle
35*
65*
%
tR_REF
Clock Rise Time
5
ns
tF_REF
Clock Fall Time
5ns
I
2C CLOCK : SCL
tC_SCL
Clock Cycle Time
Rpull_up = 4.7k
Ω
2MHz
tD_SCL
Clock Duty Cycle
50
%
tL_SCL
LOW Level Cycle
Rpull_up = 4.7k
Ω
250
ns
DIGITAL OUTPUTS
td_HSYNC
Delay Time
CKREF rising edge
CKREF = 27MHz, CL = 50pF
10
ns
td_ODDEVEN
Delay Time
CKREF rising edge
CKREF = 27MHz, CL = 50pF
10
ns
* In case of double encoding these values must be compatible with the ycrcb transmitter.
V - CHARACTERISTICS (continued)
STV0118
26/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com