Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0118 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STV0118
Description  PAL/NTSC HIGH PERFORMANCE DIGITAL ENCODER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0118 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STV0118 Datasheet HTML 25Page - STMicroelectronics STV0118 Datasheet HTML 26Page - STMicroelectronics STV0118 Datasheet HTML 27Page - STMicroelectronics STV0118 Datasheet HTML 28Page - STMicroelectronics STV0118 Datasheet HTML 29Page - STMicroelectronics STV0118 Datasheet HTML 30Page - STMicroelectronics STV0118 Datasheet HTML 31Page - STMicroelectronics STV0118 Datasheet HTML 32Page - STMicroelectronics STV0118 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
VI.2 - Register Contents and Description (continued)
(*) = DEFAULT mode when NRESET pin is active (LOW level)
VI - REGISTERS (continued)
REGISTER_1 - Configuration1
MSB
LSB
Content
blkli
flt1
flt0
sync_ok
coki
setup
cc2
cc1
Default
01
000
1
0
0
blkli
Vertical BlankingInterval selectionfor active video lines area (refer to FunctionalDescription,
Section IV.2 and Figures 2 to 7).
(*)
0
(‘partial blanking’) Only following lines inside Vertical Interval are blanked
NTSC-M : lines [1..9], [263(half)..272] (525-SMPTE)
PAL-M : lines [523..6], [260(half)..269] (525-CCIR)
other PAL : lines [623(half)..5], [311..318] (625-CCIR)
This mode allows preservation of VBI data embedded within incoming YCrCb, e.g.
Teletext (lines [7..22] and [320..335]), Wide Screen signalling (full line 23), Video
Programing Service (line16), etc.).
1
(‘full blanking’) All lines inside VBI are blanked
NTSC-M : lines [1..19], [263(half)..282] (525-SMPTE)
PAL-M : lines [523..16], [260(half)..279] (525-CCIR)
other PAL : lines [623(half)..22], [311..335] (625-CCIR)
Note :
blkli must be set to ’0’ when closed captions and are to be encoded on following lines :
- in 525/60 system: before line 20(SMPTE) or before line 283(SMPTE)
- in 625/50 system: before line 23(CCIR) or before line 336(CCIR)
For CGMS and Teletext encodings, blkli value is not taken into account.
flt[1:0]
U/V Chroma filter bandwidth selection
(Refer to Functional Description, Section IV.10 and Figures 4 and 5)
(*)
flt1
0
0
1
1
flt0
0
1
0
1
3dB Bandwidth
f-3 = 1.1MHz
f-3 = 1.3MHz
f-3 = 1.6MHz
f-3 = 1.9MHz
Typical Application
Low definition NTSC filter
Low definition PAL filter
High definition NTSC filter (ATSC compliant)
& PAL M/N (ITU-R 624.4 compliant)
High definition PAL filter: Rec 624 - 4 for PALBDG/I compliant
sync_ok Availability of sync signals (analog and digital) in case of input synchronization loss with no
free-run active (i.e. freerun=0) (Refer to Functional Description, Section IV.5)
(*)
0
1
No synchro output signals
Output synchros available on YS, CVBS and, when applicable, HSYNC (if output port),
ODDEVEN (if output port), i.e same behavior as free-run except that video outputs are
blanked in the active portion of the line
Caution :
This bit is taken into account in ODDEV-only, VSYNC-only or ‘F’ based slave modes and is irrelevant to other
synchronization modes.
coki
Color killer (Refer to Functional Description, Section IV.11)
(*)
0
1
Color ON
Color suppressed on CVBS (and CVBS1) output signal (CVBS=YS) but color still present
on C andRGB outputs.For color suppressionon chromaDAC ‘C’,see register 5 bitbkg_c.
setup
Pedestal enable (Refer to Functional Description, Section IV.9)
(*)
0
1
Blanking level and black level are identical on all lines
(ex : Argentinian PAL-N, Japan NTSC-M, PAL-BDGHI)
Black level is 7.5 IRE above blanking level on all lines outside VBI
(ex :Paraguayan and Uruguayan PAL-N)
In all standards, gain factor is adjusted to obtain the required levels for chrominance.
cc2, cc1 Closed caption encoding mode (Refer to Functional Description, Section IV.13)
(*)
cc2
0
0
1
1
cc1
0
1
0
1
Encoding Mode
No closed caption/extendeddata encoding
Closed caption/extendeddata encoding enabled in field 1 (odd)
Closed caption/extendeddata encoding enabled in field 2 (even)
Closed caption/extendeddata encoding enabled in both fields
STV0118
29/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com