Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0118 Datasheet(PDF) 34 Page - STMicroelectronics

Part # STV0118
Description  PAL/NTSC HIGH PERFORMANCE DIGITAL ENCODER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0118 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STV0118 Datasheet HTML 30Page - STMicroelectronics STV0118 Datasheet HTML 31Page - STMicroelectronics STV0118 Datasheet HTML 32Page - STMicroelectronics STV0118 Datasheet HTML 33Page - STMicroelectronics STV0118 Datasheet HTML 34Page - STMicroelectronics STV0118 Datasheet HTML 35Page - STMicroelectronics STV0118 Datasheet HTML 36Page - STMicroelectronics STV0118 Datasheet HTML 37Page - STMicroelectronics STV0118 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
VI.2 - Register Contents and Description (continued)
(*) = DEFAULT mode when NRESET pin is active (LOW level)
VI - REGISTERS (continued)
REGISTER_6 - Configuration6
MSB
LSB
Content
softreset
jump
dec_ninc
free_jump
xxxx
xxxx
chgi2c
maxdyn
Default
00
010
0
0
0
softreset
Software reset
(*)
0
1
No reset
Software reset
Note :
Bit ‘softreset’ is automatically reset after internal reset generation.
Software reset is active during 4 CKREF periods. When softreset is activated, all the device is reset as with
hardware reset except for the first six user registers (configurations) and for registers 10 up to 14
(increment and phase of oscillator), 31-33, 34-37 and 39-42.
jump, dec_ninc, free_jump
jump dec_ninc free_jump
0
0
0
Normal mode (no line skip/insert capability)
CCIR : 313/312 or 263/262
non-interlaced : 312/312 or 262/262
0
x
1
Manual mode for line insert (“dec_ninc” = 0) or skip
(“dec_ninc” = 1) capability.
Both fields of all the frames following the I
2C writing are
modified accordingto “lref”and “ltarg” bits of registers21-22-23
(by default, “lref” = 0 and “ltarg” = 1 which leads to normal mode
above).
1
0
0
Automatic line insert mode.
The 2
nd field of the frame following the I2C writing is increased.
Line insertion is done after line 245 in 525/60 and after line 330
in 625/50. “lref” and “ltarg” bits are ignored.
1
1
0
Automatic line skip mode.
The 2
nd field of the framefollowing the I2C writtingis decreased.
Line suppression is done after line 245 in 525/60 and after
line 330 in 625/50. “lref” and “ltarg” bits are ignored.
1
x
1
Not be used
Notes :
- Refer to Functional Description (Section IV.18)
- bit “jump” is automatically reset after use.
chgi2c
Chip address selection
(*)
0
1
Chip address : write = 40hex ; read = 41hex
Chip address : write = 42hex; read = 43hex
Note :
Setting this bit to 1 changes the chip address provided that pin ttxs/csi2c is tied to Vdd when the 0-to-1
transition occurs. Refer to sections IV.16 and IV.17. The new address is valid until the next hardware reset.
maxdyn
Max dynamic magnitude allowed on YCrCb inputs for encoding
(Refer to Functional Description, Section IV.6).
(*)
0
1
10hex to EBhex for Y, 10hex to E0hex for chrominance (Cr,Cb)
01hex to FEhex for Y, Cr and Cb
Note :
In any case, EAV and SAV words are replaced by blanking values before being fed to the luminance and
chrominace processings
REGISTER_7 and 8 : Reserved
STV0118
34/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com