Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0118 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STV0118
Description  PAL/NTSC HIGH PERFORMANCE DIGITAL ENCODER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0118 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STV0118 Datasheet HTML 34Page - STMicroelectronics STV0118 Datasheet HTML 35Page - STMicroelectronics STV0118 Datasheet HTML 36Page - STMicroelectronics STV0118 Datasheet HTML 37Page - STMicroelectronics STV0118 Datasheet HTML 38Page - STMicroelectronics STV0118 Datasheet HTML 39Page - STMicroelectronics STV0118 Datasheet HTML 40Page - STMicroelectronics STV0118 Datasheet HTML 41Page - STMicroelectronics STV0118 Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
VI.2 - Register Contents and Description (continued)
(*) = DEFAULT mode when NRESET pin is active (LOW level)
VI - REGISTERS (continued)
REGISTER_34-35-36-37 - ttx_block_[1:4]_def. : Teletext Block Definition
(Refer to Functional Description, Section IV.15)
MSB
LSB
register_34 txbd1
txbs1.3
txbs1.2
txbs1.1
txbs1.0
txbe1.3
txbe1.2
txbe1.1
txbe1.0
register_35 txbd2
txbs2.3
txbs2.2
txbs2.1
txbs2.0
txbe2.3
txbe2.2
txbe2.1
txbe2.0
register_36 txbd3
txbs3.3
txbs3.2
txbs3.1
txbs3.0
txbe3.3
txbe3.2
txbe3.1
txbe3.0
register_37 txbd4
txbs4.3
txbs4.2
txbs4.1
txbs4.0
txbe4.3
txbe4.2
txbe4.1
txbe4.0
These are four Teletext Block Definition registers, used in conjunctionwith Reg 38 (TeletextBlock Mapping).
Each of these registers defines a start line (TXBSx[3:0]) and an end line (TXBEx[3:0]). [TXBSx = Teletext
Block Start for block x, TXBEx = Teletext Block End for block x]
When applying to field1 :
TXBSx[3:0]=0 codes line 7,
...
TXBSx[3:0]=i codes line 7+i,
...
TXBSx[3:0]=15dec (‘1111’bin) codes line 7+15=22
When applying to field2 :
TXBSx[3:0]=0 codes line 320,
...
TXBSx[3:0]=i codes line 320+i,
...
TXBSx[3:0]=15dec (‘1111’bin) codes line 320+15=335
(ITU-R601/625 line numbering)
DEFAULT value: none, registers 34-37 are never reset.
REGISTER_38 - ttx_block_map : Teletext Block Mapping
MSB
LSB
register_38
txmf1.1
txmf1.2
txmf1.3
txmf1.4
txmf2.1
txmf2.2
txmf2.3
txmf2.4
(txmf1 stands for ’Teletext Block Mapping to field1, txmf2 stands for ’Teletext Block Mapping to field2)
This register allows to map the blocks of Teletext lines defined by registers 34 to 37 to either field1, field2
or both :
Its default value is “00000000”
txmf1.N defines whether txbdN (Nth teletext block, see reg34-37 above) applies to field 1,
txmf2.N defines whether txbdN (Nth teletext block, see reg34-37 above) applies to field 2.
In other words, if txmf1.N=1 then Teletext will be encoded in field 1 from the line defined by txbsN.[3:0]
(see above) to the line defined by txbeN.[3:0].
Similarly, if txmf2.N=1 then Teletext will be encoded in field 2 from the line defined txbsN.[3:0] (see above)
to the line defined by txbeN.[3:0].
STV0118
38/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com