Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0118 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STV0118
Description  PAL/NTSC HIGH PERFORMANCE DIGITAL ENCODER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0118 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STV0118 Datasheet HTML 26Page - STMicroelectronics STV0118 Datasheet HTML 27Page - STMicroelectronics STV0118 Datasheet HTML 28Page - STMicroelectronics STV0118 Datasheet HTML 29Page - STMicroelectronics STV0118 Datasheet HTML 30Page - STMicroelectronics STV0118 Datasheet HTML 31Page - STMicroelectronics STV0118 Datasheet HTML 32Page - STMicroelectronics STV0118 Datasheet HTML 33Page - STMicroelectronics STV0118 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
VI.2 - Register Contents and Description (continued)
(*) = DEFAULT mode when NRESET pin is active (LOW level)
VI - REGISTERS (continued)
REGISTER_2 - Configuration2
MSB
LSB
Content
nintrl
enrst
bursten
xxxx
selrst
rstosc
valrst1
valrst0
Default
00
100
0
0
0
Refer to Functional Description, Section IV.7.
nintrl
Non-interlaced mode select (Refer to Figures 3, 5 and 7)
(*)
0
1
Interlaced mode (625/50 or 525/60 system)
Non-interlaced mode(2x312/50 or 2x262/60 system)
Note :
‘nintrl’ update is internally taken into account on beginning of next frame.
enrst
Cyclic update of DDFS phase
(*)
0
1
No cyclic subcarrier phase reset
Cyclic subcarrier phase reset depending of valrst1 and valrst0 (see below)
bursten
Chrominance burst control
(*)
0
1
Burst is turned off on CVBS (and CVBS1), C and RGB outputs are not affected
Burst is enabled
selrst
Selects set of reset values for Direct Digital Frequency Synthesizer
(*)
0
1
Hardware reset values for phase and increment of subcarrier oscillator
(see description of registers 10 to 14 for values)
I
2C loaded reset values selected (see contents of Registers 10 to 14)
rstosc
Software phase reset of DDFS (Direct Digital Frequency Synthesizer)
(*)
0
1
inactive
a 0-to-1 transition resets the phase of the subcarrier to either the hard-wired default
phase value or the value loaded in Register 13-14 (according to bit ‘selrst’)
Note :
Bit ‘rstosc’ is automatically set back to ‘0’ after the oscillator reset has been performed.
valrst[1:0] Note : valrst[1:0] is taken into account only if bit ‘enrst’ is set
valrst1 valrst0 Selection
(*)
0
0
1
1
0
1
0
1
Automatic reset of the oscillator every line
Automatic reset of the oscillator every 2nd field
Automatic reset of the oscillator every 4th field
Automatic reset of the oscillator every 8th field
Resetting the oscillator means here forcing the value of the accumulator phase to its nominal value to avoid
accumulating errors due to the finite number of bits used internally. The value to which the accumulator is
reset is either the hard-wired default phase value or the value loaded in Register 13-14 (according to bit
‘selrst’), to which a 0
°,90°, 180°, or 270° correction is applied according to the field and line on which the
reset is performed.
STV0118
30/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com