Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0118 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STV0118
Description  PAL/NTSC HIGH PERFORMANCE DIGITAL ENCODER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0118 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STV0118 Datasheet HTML 10Page - STMicroelectronics STV0118 Datasheet HTML 11Page - STMicroelectronics STV0118 Datasheet HTML 12Page - STMicroelectronics STV0118 Datasheet HTML 13Page - STMicroelectronics STV0118 Datasheet HTML 14Page - STMicroelectronics STV0118 Datasheet HTML 15Page - STMicroelectronics STV0118 Datasheet HTML 16Page - STMicroelectronics STV0118 Datasheet HTML 17Page - STMicroelectronics STV0118 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
HSYNC
(out)
ODDEVEN
(out)
CKREF
YCRCB
00
B6
Cb
Y
46T
CKREF
HSYNC Duration : 128T
CKREF
FF
00
EAV
1T
CKREF
Figure 14 : Data (EAV) Based Slave Mode Sync Signals
IV - FUNCTIONAL DESCRIPTION (continued)
IV.5.2.2 - VSYNC only Based Synchronization
Synchronization is performed on a frame-by-frame
basis by locking onto an incoming VSYNC signal.
An auxiliary line sync signal HSYNC must also be
fedto theSTV0118,whichuses it to reconstructfrom
VSYNC and HSYNC info rmation an internal
odd/even waveform identical to that of an ODD-
EVEN signal. Therefore the behavior of the core is
identicalto that describedabove for ODDEVEN only
basedsynchronization(exceptthat nothingis output
on HSYNC pin since it is an input port in that mode).
Note that HSYNC is an input but has no other use
than allowing the STV0118 to decide whether an
incoming VSYNC pulse flags an odd or an even
field. In other words, the STV0118 does not lock
onto HSYNC in this mode since this is NOT a
line-locked mode.
The phase relationship between VSYNC and the
incoming YCrCb data is normally such that the first
clock rising edge following the VSYNC active edge
samples “Cb” (i.e. a ‘blue’ chroma sample within
the YCrCb stream). It is however possible to inter-
na l l y del ay t h e inc omi ng s y n c s i g na l s
(VSYNC+HSYNC) by up to 3 clock cycles to cope
with different data/sync phasings, using configura-
tion bits “Syncin_ad” (Reg. 4).
IV.5.3 - Synchronization onto Data-embedded
Sync Words
IV.5.3.1 - ‘End-of-frame’ Word Based
Synchronization
Synchronization is performed by extracting the 1-
to-0 transitions of the ‘F’ flag (end-of-frame) from
the ‘EAV’ (End-of-Active Video) sequence embed-
ded within ITU-R656 / D1 compliant digital video
streams. Both a frame sync signal and a line sync
signal are derived and are made available exter-
nally as ODDEVEN and HSYNC (see Figure 14).
The first successful detection of the ‘F’ flag triggers
generationof theanalog sync signals and encoding
of the incoming video data. Frames being sup-
posed to be of constant duration, the next EAV
word containing the ‘F’ flag is expected at a precise
time after the latest detection.
So, once an active ‘F’ flag has been detected,
checks that the following flags are present within
the incoming video stream at the expected times
are performed.
Encoding and analog sync generation carry on un-
less three successive fails of these checks occur.
In that case, three behaviors are possible, accor-
ding to the configuration programmed :
- if ‘free-run’ is enabled, the STV0118 carries on
generating the digital frame and line syncs (ODD-
EVEN and HSYNC) and generating analog video
just as though the expected ‘F’ flag had been
present. However, it will re-synchronize onto the
next ‘F’ flag detected within the incoming
CCIR656/D1 video stream.
- if ‘free-run’ is disabled but the bit ‘sync_ok’ is set in
the configuration registers, the STV0118 sets the
active portion of the TV line to black level but carries
on outputtingthe analogsynctips (on Ys andCVBS)
andthedigitalframeandlinesyncsignalsODDEVEN
and HSYNC.
- if ‘free-run’is disabledandthe bit ‘sync_ok’is notset,
all analog video is at black level and neither analog
sync tips nor digital frame/line sync are output.
The SAV and EAV words are Hamming-decoded.
After detection of two successive errors, a bit is set
in the status register to inform the micro-controller
of the poor transmission quality.
IV.5.3.2 - ‘End-of-line’ Word Based
Synchronization
Synchronization is performed by extracting the ‘F’
and ‘H’ flags from the ‘SAV’ (Start of Active Video)
and ‘EAV’ (End of Active Video) words embedded
within ITU-R656/D1 compliant digitalvideo streams.
Aline sync signaland a framesync signal are derived
internally from these flags and are output on the
HSYNC and ODDEVEN/VSYNC pins in output
mode. These signals are also exploited by the core
of the circuit which treats them like it treats incoming
ODDEVEN andHSYNC signals in HSYNC+ODDEV
based synchronization (see Section IV.5.1.1).
STV0118
14/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com