Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0118 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STV0118
Description  PAL/NTSC HIGH PERFORMANCE DIGITAL ENCODER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0118 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STV0118 Datasheet HTML 16Page - STMicroelectronics STV0118 Datasheet HTML 17Page - STMicroelectronics STV0118 Datasheet HTML 18Page - STMicroelectronics STV0118 Datasheet HTML 19Page - STMicroelectronics STV0118 Datasheet HTML 20Page - STMicroelectronics STV0118 Datasheet HTML 21Page - STMicroelectronics STV0118 Datasheet HTML 22Page - STMicroelectronics STV0118 Datasheet HTML 23Page - STMicroelectronics STV0118 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
TTXS
CKREF
TTXD
(txdl[2:0] + 2) T
CKREF
Not Valid
Bit 1
Bit 2
Figure 26 : “TTXS Rising” to “First Valid Sample” Delay for txdl[2:0] = 0
IV - FUNCTIONAL DESCRIPTION (continued)
IV.15.3 - Programming
IV.15.3.1 - ’TTXS Rising’ to ’First Valid
Sample’ Delay Programming
The encoder expects the Teletext buffer to clock out
the first Teletext data sample on the (2+N)th rising
edge of the master clock following the rising edge
of TTXS (Figure 26 depicts this graphically for
N=0). ’N’ is programmable from 0 to 7 (i.e. overall
delay is programmable from TWO to NINE 27MHz
cycles) via 3 dedicated bits located in the Configu-
ration Register4 : “txdl[2:0]”.
IV.15.3.2 - Teletext Line Selection
Five dedicated registers allow to program Teletext
encoding in various areas of the Vertical Blanking
Interval (VBI) of each field. A total of 4 such areas
(i.e. blocks of contiguous Teletext lines) can inde-
pendently be defined within the two VBIs of one
frame (e.g. 2 blocksin each VBI, or 3 blocks in field1
VBI and one in field2 VBI, etc.). Further, under
certain circumstances, it is possible to define up to
4 areas in each VBI.
Programming is performed using 4 “Teletext Block
De f ini ti on” r egis t er s ( T TXBD 1, T T XBD 2,
TTXBD3,TTXBD4) and a “Teletext Block Mapping”
register (TTXBM). Refer to the description of user
registers 34 to 38 for details.
IV.15.4 - Teletext Pulse Shape
The shape and amplitude of a single Teletext pulse
are depictedin Figure27, its relativepower spectral
density is given in Figures 28 and 29 and is sub-
stantially zero at frequencies above 5MHz, as re-
-150
-100
-50
0
50
100
150
0
10
20
30
40
50
60
70
(ns)
+144ns
-144ns
Figure 27 : Shape and Amplitude of a Single
Teletext Symbol
0
0
12
34567
8
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
(x106) (Hz)
Figure 28 : Linear PSD Scale
quired by the World System Teletext specification.
STV0118
20/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com