Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0118 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STV0118
Description  PAL/NTSC HIGH PERFORMANCE DIGITAL ENCODER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0118 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STV0118 Datasheet HTML 15Page - STMicroelectronics STV0118 Datasheet HTML 16Page - STMicroelectronics STV0118 Datasheet HTML 17Page - STMicroelectronics STV0118 Datasheet HTML 18Page - STMicroelectronics STV0118 Datasheet HTML 19Page - STMicroelectronics STV0118 Datasheet HTML 20Page - STMicroelectronics STV0118 Datasheet HTML 21Page - STMicroelectronics STV0118 Datasheet HTML 22Page - STMicroelectronics STV0118 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
0
50
100
150
200
250
300
t
11
µs
48.7
µs
Word 1
4 bits
Word 2
4 bits
Word 0
6 bits
CRCC
6 bits
Bit 1
Bit 20
Figure 25 : Example CGMS Waveform
IV - FUNCTIONAL DESCRIPTION (continued)
The closed caption encoder considers that closed
caption data has been loaded and is valid on
completion of the write operation into register 40
for field1, into register42 for field2. If closed caption
encodinghas been enabled and no new data bytes
have been written into the closed caption data
registers when the closed caption window starts on
the appropriateTV line, then the circuit outputstwo
US-ASCII NULL characterswith odd parity after the
start bit.
IV.14 - CGMS Encoding
CGMS (Copy Generation Management System -
also known as VBID and described by standard
CPX-1204 of EIAJ) data can be encoded by the
circuit. Three bytes (20 significant bits) are deliv-
ered to the chip via the I2C interface.Two reference
bits (‘1’ then ‘0’) are encoded first, followed by 20
bits of CGMS data (including a Cyclic Redundancy
Check sequence, not computed by the device and
supplied to it as part of the 20 data bits). The
reference bits are generated locally by the
STV0118. Refer to Figure 25 for a typical CGMS
waveform.
When CGMS encoding is enabled, the CGMS (see
bit encgms in Reg 3) waveform is continously
present once in each field, on lines 20 and 283
(SMPTE-525 line numbering).
The CGMS data register is double-buffered,which
means that it can be loaded anytime (even during
line 20/283) without any risk of corrupting CGMS
data that could be in the process of being en-
coded.The CGMS encoder considers that new
CGMS data has been loaded and is valid on com-
pletion of the write operation into register 33
IV.15 - Teletext Encoding
The STV0118 is able to encode Teletext according
to the “CCIR/ITU-R Broadcast Teletext System B”
specification, also known as “World System
Teletext”.
In DVB applications, Teletext data is embedded
within DVB streams as MPEG data packets. It is the
responsibility of a “Transport Layer Processing” IC
(or demultiplexer), like SGS-Thomson’s ST20-
based “TP2”, to sort out incoming data packets and
inparticularto storeTeletextpacketin abuffer,which
then passes them to the STV0118 on request.
IV.15.1 - Signals Exchanged
The STV0118 and the Teletext buffer exchange 2
signals: TTXS (Teletext Synchronization) going
from the STV0118 to the Teletext Buffer and TTXD
(Teletext Data) going from the Teletext Buffer to the
STV0118.
The TTXS signal is a request signal generated on
selected lines. In response to this signal, the
Teletext buffer is expected to send 360 Teletext bits
to the STV0118 for insertion of a Teletext line into
the analog video signal.
The durationof the TTXS windowis 1402reference
clockperiods (51.926
µs), which correspondsto the
duration of 360 Teletext bits (see Transmission
Protocol below).
Following the TTXS rising edge the encoder ex-
pects data from the Teletext buffer after a program-
mable number (2 to 9) of 27MHz master clock
periods. Data is transmittedsynchronously with the
master clock at an average rate of 6.9375Mbit/s
according to the protocol described below. It con-
sists, in order of transmission, of 16 Clock Run-In
bits, 8 Framing Code bits and the 336 bits (42
bytes) that represent one Teletext packet.
IV.15.2 - Transmission Protocol
In order to transmit the Teletext data bits at an
average rate of 6.9375Mbit/s, which is about
1/3.89 times the master clock frequency, the follo-
wing scheme is adopted :
The 360-bit packet is regarded as nine 37-bit se-
quences plus one 27-bit sequence. In every se-
quence, each Teletext data bit is transmitted as a
succession of 4 identicalsamples at 27 Msample/s,
except for the 10th, 19th, 28th and 37th bits of the
sequence which are transmitted as a succession
of 3 identical samples. This protocol is compatible
with SGS-Thomson’s ST-20 based Tranport Layer
IC (“TP2”).
STV0118
19/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com