Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0118 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STV0118
Description  PAL/NTSC HIGH PERFORMANCE DIGITAL ENCODER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0118 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STV0118 Datasheet HTML 11Page - STMicroelectronics STV0118 Datasheet HTML 12Page - STMicroelectronics STV0118 Datasheet HTML 13Page - STMicroelectronics STV0118 Datasheet HTML 14Page - STMicroelectronics STV0118 Datasheet HTML 15Page - STMicroelectronics STV0118 Datasheet HTML 16Page - STMicroelectronics STV0118 Datasheet HTML 17Page - STMicroelectronics STV0118 Datasheet HTML 18Page - STMicroelectronics STV0118 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
IV - FUNCTIONAL DESCRIPTION (continued)
IV.6 - Input Demultiplexer
The incoming 27Mbit/s YCrCb data is demulti-
plexed into a ‘blue-difference’ chroma information
stream, a ‘red-diffe rence’ chroma information
stream and a luma information stream. Incoming
data bits are treated as blue, red or luma samples
according to their relative position with respect to
the sync signals in use and to the content of con-
figuration bits “Syncin_ad” (slave modes) or “Syn-
cout_ad” (master mode).
The ITU-R601 recommendation defines the black
luma level as Y = 16dec and the maximum white
luma level as Y = 235dec. Similarly it defines 225
quantization levels for the color difference compo-
nents (Cr, Cb), centered around 128.
Accordingly, incoming YCrCB samples can be
saturated in the input multiplexer with the following
rules :
- for Cr or Cb samples :
Cr, Cb > 240
⇒ Cr, Cb saturated at 240
Cr,Cb < 16
⇒ Cr, Cb saturated at 16
- for Y samples :
Y > 235
⇒ Y saturated at 235
Y< 16
⇒ Y saturated at 16
This avoids having to heavily saturate the com-
posite video codes before digital-to-analog con-
version in case erroneous or unrealistic YCrCb
samples are input to the encoder (there may
otherwise be overflow errors in the codes driving
the DACs), and therefore avoids genera-ting a
distorded output waveform.
However, in some applications, it may be desirable
to let ‘extreme’ YCrCb codes pass through the
demultiplexer. This is also possible, provided that
bit “maxdyn” is set in configuation register 6.
In this case, only codes 00hex and FFhex are
overridden: if such codes are found in the active
video samples, they are forced to 01hex and FE-
hex.
In any case, the YCrCb codes are not overridden
for EAV/SAV decoding
The demultiplexer is also able to handle 54Mbit/s
YCrCb streams for dual encoding applications. Re-
fer to Section IV.17, “Dual Encoding Application -
54Mbit/s YCrCB interface”.
IV.7 - Sub-carrier Generation
A Direct Digital Frequency Synthesizer (DDFS)
using a 24-bit phase accumulator, generates the
required color sub-carrier frequency.This oscillator
feeds a quadraturemodulator which modulatesthe
baseband chrominance components.
The sub-carrier frequency is obtained from the
following equation :
Fsc = (24-bit Increment Word / 2
24) x CKREF
Hard-wired Increment Word values are available
for each standard(except for ‘NTSC-4.43’) and can
be automatically selected. Alternatively (according
to bit ‘selrst’ in Reg. 2.), the frequency can be fully
customized by programming other values into a
dedicated Increment Word Register (Reg. 10-11-
12). This allows for instance to encode “NTSC-
4.43” or ”PAL-M-4.43”.
This is done with the following procedure :
- Program the required increment in Registers 10
to 12
- Set bit ‘selrst’ to ‘1’ in Configuration Register 2
- Perform a software reset (Reg. 6).
Caution : this sets back all bits from Reg. 7
onwards to their default value, when they can be
reset.
Warning : if a standard change occurs after the
software reset, the increment value is automatically
re-initialized with the hardwired or loaded value
according to bit selrst.
The reset phase of the color sub-carrier can also
be software-controlled (Reg. 13-14).
The sub-carrier phase can be periodically reset to
its nominal value to compensate for any drift intro-
duced by the finite accuracy of the calculations.
Sub-carrier phase adjustment can be performed
every line, every eight field, every four field, or
every two field (Register 2 bits valrst[1:0]).
STV0118
15/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com