Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0118 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STV0118
Description  PAL/NTSC HIGH PERFORMANCE DIGITAL ENCODER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0118 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STV0118 Datasheet HTML 13Page - STMicroelectronics STV0118 Datasheet HTML 14Page - STMicroelectronics STV0118 Datasheet HTML 15Page - STMicroelectronics STV0118 Datasheet HTML 16Page - STMicroelectronics STV0118 Datasheet HTML 17Page - STMicroelectronics STV0118 Datasheet HTML 18Page - STMicroelectronics STV0118 Datasheet HTML 19Page - STMicroelectronics STV0118 Datasheet HTML 20Page - STMicroelectronics STV0118 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
IV - FUNCTIONAL DESCRIPTION (continued)
In addition, the luminance that is added to the
chrominance to create the composite CVBS signal
can be trap-filtered at 3.58MHz (NTSC) or
4.43MHz (PAL). This allows to cope with applica-
tion oriented towards low-end TV sets which are
subject to cross-color if the digital source has a
wide luminance bandwidt h (e.g. some DVD
sources). Note that the trap filter does not affect the
S-VHS luminance output nor the RGB outputs.
A 7.5 IRE pedestal can be programmed if needed
with all standards (see Reg1, bit setup). This allows
in particular to encode Argentinian and non-Ar-
gentinian PAL-N, or Japanese NTSC (NTSC with
no set-up).
A programmable delay can be inserted on the
luminance path to compensate any chroma/luma
delay introduced by off-chip filtering (chroma and
luma transitionsbeing coincident at the DAC output
with default delay) (Reg3, bits del[2:0]).
IV.10 - Chrominance Encoding
U and V chroma components are computed from
demultiplexed Cb, Cr samples. Before modulating
the subcarrier, these are band-limited and interpo-
lated at CKREF clock rate. This processing eases
the filtering following D/A conversion and allows a
more accurate encoding. A set of 4 different filters
is available for chroma filtering to fit a wide variety
of applications in the different standards and in-
clude filters recommended by ITU-R Rec624-4 and
SMPTE170-M. The available 3dB bandwidths are
1.1, 1.3, 1.6 or 1.9MHz, refer to Figures 18 to 22
for the various frequency responses (Reg1, bits
flt[1:0]).
The narrower bandwidths are useful against cross-
luminance artefacts, the wider bandwidths allow to
keep higher chroma contents and then an im-
proved image quality.
IV.11 - Composite Video Signal Generation
The composite video signal is created by adding
the luminance (after optional trap filtering, Reg 3
bits entrap and trap_pal) and the chrominance
components.A saturationfunction is included in the
adder to avoid overflow errors should extreme
luminance levels be modulated with highly satu-
rated colors (this does not correspond to natural
colors but may be generated by computers or
graphic engines).
A ‘color killing’ function is available (Reg 1, bit coki)
whereby the composite signal contains no chromi-
nance, i.e. replicates the trap-filtered luminance.
Note that this function does not suppress the
chrominance on the S-VHS outputs (nevertheless
suppressing the S-VHS chrominance is possible
using bit “bkg_c” in Reg 5).
0
0.5
1.5
2
1
2.5
3
3.5
Frequency (x106) (Hz)
1
0
-1
-2
-3
-4
-5
-6
-7
-8
-9
f
3=1.9
RGB
f
3=1.6
f
3=1.3
f
3=1.1
f
3=2.45
Figure 18 : Various Chroma Filters Available
+ RGB Filter
0
2
4
6
8
10
12
14
0
-5
-10
-15
-20
-25
-30
-35
-40
Frequency (x106) (Hz)
Figure 19 : 1.1MHz Chroma Filter (flt = 00)
0
2
4
6
8
10
12
14
0
-5
-10
-15
-20
-25
-30
-35
-40
Frequency (x106) (Hz)
Figure 20 : 1.3MHz Chroma Filter (flt = 01)
STV0118
17/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com