Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0118 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STV0118
Description  PAL/NTSC HIGH PERFORMANCE DIGITAL ENCODER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0118 Datasheet(HTML) 5 Page - STMicroelectronics

  STV0118 Datasheet HTML 1Page - STMicroelectronics STV0118 Datasheet HTML 2Page - STMicroelectronics STV0118 Datasheet HTML 3Page - STMicroelectronics STV0118 Datasheet HTML 4Page - STMicroelectronics STV0118 Datasheet HTML 5Page - STMicroelectronics STV0118 Datasheet HTML 6Page - STMicroelectronics STV0118 Datasheet HTML 7Page - STMicroelectronics STV0118 Datasheet HTML 8Page - STMicroelectronics STV0118 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
II - PIN INFORMATION (continued)
Pin
Name
Type
Function
24
CKREF
I
Master clock reference signal.
Its rising edge is the default reference for set-up and hold times of all inputs, and for
propagation delay of all outputs (except for SDA output).
CKREF nominal frequency is 27MHz (CCIR601) : input pad with pull down (50k
Ω Typ.)
25
RESET
I
Hardware reset, active LOW.
It has priority over software reset. NRESET imposes default states (see Register Contents).
Minimum Low level required duration is 5 CKREF periods : input pad with pull down
(50k
Ω Typ.)
26
SCL
I
I
2C bus clock line (internal 5-bit majority logic with CKREF for reference) : input pad with
pull down (50k
Ω Typ.)
27
SDA
I/O
I
2C bus serial data line.
Input : internal 5-bit majority logic with CKREF for reference
Output : open drain
28
VSYNC/
ODDEVEN
I/O
Frame sync signal :
- input in slave modes, except when sync is extracted from YCrCb data
- output in master mode and when sync is extracted from YCrCb data
- synchronous to rising edge of CKREF
- ODDEVEN default polarity :
odd (not-top) field : LOW level
even (bottom) field : HIGH level
II.2 - Pin Description (continued)
III - BLOCK DIAGRAM
V
SSA
V
DDA
1
2
3
4
5
6
7
8
9
16
17
18
19
20
26
27
28
11
12
13
14
15
22
23
CTRL + CFG
REGISTER
LUMA
PROCESSING
CLOSED
CAPTIONS
CGMS
CHROMA
PROCESSOR
TRAP
RGB ENCODING
CB-CR
Y
SYNC CONTROL
& VIDEO TIMING
GENERATOR
YCRCB7
I
RE F(CVBS)
VR_CVBS
CVBS
I
REF(RGB)
VR_RGB
B/CVBS
V
SSA
V
DDA
G/Y
R/C
TTXD
9-BIT
DAC
TELETEXT
YCRCB6
YCRCB5
YCRCB4
YCRCB3
YCRCB2
YCRCB1
YCRCB0
21
V
DD
10
V
SS
CSI2C
TTXS
STV0118
SDA
SCL
I2C BUS
CSI2C
VSYNC/ODDEVEN
HSYNC
25
RESET
24
CKREF
TTXS/
CSI2C
V
SSA
V
DDA
AUTOTEST
COLOR BAR
PATTERN
STV0118
5/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com