Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0118 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV0118
Description  PAL/NTSC HIGH PERFORMANCE DIGITAL ENCODER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0118 Datasheet(HTML) 1 Page - STMicroelectronics

  STV0118 Datasheet HTML 1Page - STMicroelectronics STV0118 Datasheet HTML 2Page - STMicroelectronics STV0118 Datasheet HTML 3Page - STMicroelectronics STV0118 Datasheet HTML 4Page - STMicroelectronics STV0118 Datasheet HTML 5Page - STMicroelectronics STV0118 Datasheet HTML 6Page - STMicroelectronics STV0118 Datasheet HTML 7Page - STMicroelectronics STV0118 Datasheet HTML 8Page - STMicroelectronics STV0118 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
STV0118
PAL/NTSC HIGH PERFORMANCE DIGITAL ENCODER
May 1997
PRELIMINARY DATA
SO28
(Plastic Micropackage)
ORDER CODE : STV0118
This is advance information on a new product now in development or undergoing evaluatio n. Details are subject to change without notice.
.
NTSC-M, PAL-B, D, G, H, I, N, M, PLUS
NTSC-4.43 ENCODING (OPTIONAL PEDES-
TAL IN ALL STANDARDS)
.
SMALL AND ECONOMICAL SO28 PACKAGE
.
LINE SKIP/INSERT CAPABILITY SUPPRES-
SING THE NEED FOR AN EXTERNAL VCXO,
THUS REDUCING APPLICATION COST
.
4 SIMULTANEOUS ANALOG OUTPUTS : RGB +
CVBS, or S-VHS (Y/C) + CVBS1 + CVBS2
.
54MHz INPUT MULTIPLEX INTERFACE FOR
DOUBLE
ENCODING
APPLICATIONS
(TO BE ABLE TO ENCODE OR NOT THE OSD
CONTENT OF THE VIDEO INPUT STREAM)
.
CROSS-COLOR REDUCTION BY SPECIFIC
TRAP FILTERING ON LUMA WITHIN CVBS
FLOW
.
CLOSED CAPTIONING, CGMS ENCODING
AND TELETEXT ENCODING
.
ITU-R/CCIR601 ENCODING WITH EASILY
PROGRAMMABLE COLOR SUB-CARRIER
FREQUENCIES
.
DIGITAL
FRAME
SYNC
INPUT/OUTPUT
(ODDEV/VSYNC),
PROGRAMMABLE
PO-
LARITY AND RELATIVE POSITION
.
DIGITAL HORIZONTAL SYNC INPUT/OUPUT
(HSYNC), PROGRAMMABLE POLARITY AND
RELATIVE POSITION
.
DIGITAL LINE OR FRAME SYNC EXTRAC-
TION FROM ITU-R/CCIR656 / D1 DATA
.
MASTER
OPERATION
MODE,
PLUS
6 SLAVE MODES
.
INTERLACED/NON-INTERLACED
OPERA-
TION MODES
.
FULL OR PARTIAL VERTICAL BLANKING
.
LUMA FILTERING WITH 2X OVERSAMPLING &
SINY/Y CORRECTION
.
CHROMINANCE FILTERING WITH 4X OVER-
SAMPLING TO EITHER 1.1MHz, 1.3MHz,
1.6MHz or 1.9MHz
.
WIDE CHROMINANCE BANDWIDTH FOR
RGB ENCODING (2.45MHz)
.
24-BIT DIRECT DIGITAL FREQUENCY SYN-
THESIZER FOR COLOR SUBCARRIER
.
PROGRAMMABLE RESET OF COLOR SUB-
CARRIER PHASE (4 MODES)
.
EASY CONTROL VIA FAST I
2C BUS
.
TWO I
2C ADDRESSES
.
AUTOTEST OPERATION MODE
(ON-CHIP
COLOR BAR PATTERN 100/0/75/0)
.
CMOS TECHNOLOGY WITH 3.3V POWER
SUPPLY
.
APPLICATIONS : SATELLITE, CABLE & TER-
RESTRIAL DIGITAL TV DECODERS, MULTIME-
DIATERMINALS, DVD PLAYERS
1/42


Similar Part No. - STV0118

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV0116 STMICROELECTRONICS-STV0116 Datasheet
1Mb / 21P
PAL/NTSC DIGITAL ENCODER
Oct-1996
STV0116FN STMICROELECTRONICS-STV0116FN Datasheet
1Mb / 21P
PAL/NTSC DIGITAL ENCODER
Oct-1996
STV0119A STMICROELECTRONICS-STV0119A Datasheet
321Kb / 42P
PAL/NTSC HIGH PERFORMANCE DIGITAL ENCODER
Jun-1998
More results

Similar Description - STV0118

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65675FP MITSUBISHI-M65675FP Datasheet
83Kb / 17P
DIGITAL NTSC/PAL ENCODER
M65677FP MITSUBISHI-M65677FP Datasheet
38Kb / 6P
DIGITAL NTSC/PAL ENCODER
logo
OKI electronic componet...
MSM7650 OKI-MSM7650 Datasheet
278Kb / 34P
NTSC/PAL Digital Encoder
logo
STMicroelectronics
STV0119A STMICROELECTRONICS-STV0119A Datasheet
321Kb / 42P
PAL/NTSC HIGH PERFORMANCE DIGITAL ENCODER
Jun-1998
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
NTSC/PAL Digital Video Encoder
logo
Rohm
BU1424K ROHM-BU1424K Datasheet
273Kb / 30P
NTSC / PAL digital RGB encoder
logo
Zarlink Semiconductor I...
VP531 ZARLINK-VP531 Datasheet
279Kb / 17P
NTSC/PAL Digital Video Encoder
logo
Renesas Technology Corp
M65677FP RENESAS-M65677FP Datasheet
134Kb / 9P
Digital NTSC/PAL Encoder
logo
Analog Devices
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
Digital PAL/NTSC Video Encoder
REV. C
logo
STMicroelectronics
STV0116 STMICROELECTRONICS-STV0116 Datasheet
1Mb / 21P
PAL/NTSC DIGITAL ENCODER
Oct-1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com