Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV6411 Datasheet(PDF) 7 Page - STMicroelectronics

Part # VV6411
Description  DUAL-MODE DIGITAL CAMERA CHIPSET
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6411 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VV6411 Datasheet HTML 3Page - STMicroelectronics VV6411 Datasheet HTML 4Page - STMicroelectronics VV6411 Datasheet HTML 5Page - STMicroelectronics VV6411 Datasheet HTML 6Page - STMicroelectronics VV6411 Datasheet HTML 7Page - STMicroelectronics VV6411 Datasheet HTML 8Page - STMicroelectronics VV6411 Datasheet HTML 9Page - STMicroelectronics VV6411 Datasheet HTML 10Page - STMicroelectronics VV6411 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 63 page
background image
Version 3.4
7/63
STV0680B + VV6444/6410/6500
Introduction
1.2
Co-processor choices
Two revisions of the STV0680B are produced by ST. Although there are certain functional
differences between these revisions, both have an identical pinouts and STV0680B-003 retains all
the functionality of STV0680B-001, hence is backwards compatible.
1.3
Sensor choices
The following sensors are supported:
1.4
Key system features
The key features of a typical camera based on the STV0680B chipset are as follows:
1.4.1
Image features (STV0680B-001)
q
Support for 5V or 3.3V CIF resolution sensor (VV6444 or VV6410/6411) - 352 x 288 pixels
q
Support for 3.3V VGA resolution sensor (VV6500) - 640 x 480 pixels
q
80 picture storage capacity possible for CIF, with 64MB memory
q
26 picture storage capacity for VGA, with 64MBit memory
Order number
STV0680B-001
STV680B-003
Silicon revision
STV0680B
STV0680B
Firmware revision
v1.00
v3.00
Sensor supported
VV6444
VV6410
VV6500
VV6444
VV6410
VV6411
VV6500
SDRAM supported
16Mbit
or 64Mbit
16Mbit
or 64Mbit
USB
Yes
Yes
RS232
Yes
Yes
Video for Windows support
Yes
Yes
Flash-gun support
No
Yes
Audio record + playback
No
Yes
Custom sounds
No
Yes
Table 1 : Differences between STV0680B-001 and STV0680B-003
Sensor
Resolution
Sensor supply voltage
VV6444
CIF (352 x 288)
5v
VV6410/6411
3.3v
VV6500
VGA (640 x 480)
Table 2 : Sensor choices with STV0680B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com