Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV6411 Datasheet(PDF) 25 Page - STMicroelectronics

Part # VV6411
Description  DUAL-MODE DIGITAL CAMERA CHIPSET
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6411 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button VV6411 Datasheet HTML 21Page - STMicroelectronics VV6411 Datasheet HTML 22Page - STMicroelectronics VV6411 Datasheet HTML 23Page - STMicroelectronics VV6411 Datasheet HTML 24Page - STMicroelectronics VV6411 Datasheet HTML 25Page - STMicroelectronics VV6411 Datasheet HTML 26Page - STMicroelectronics VV6411 Datasheet HTML 27Page - STMicroelectronics VV6411 Datasheet HTML 28Page - STMicroelectronics VV6411 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 63 page
background image
Version 3.4
25/63
STV0680B + VV6444/6410/6500
STV0680B hardware interfaces
With STV0680B-003, these pins are used, as detailed in
Table 6.
Their specific functions are detailed in the reference design and in the following documents
available from ST:
q
Audio: Application note AN1310
q
Flashgun: Application note AN1312
4.9.5
Audio record hardware interface (STV0680B-003 only)
The firmware implements a successive approximation A/D conversion by outputting successive
analogue levels through the DAC output, which are compared with the actual signal level (output
from the sensor microphone preamplifier), and the resultant high or low signal from the comparator
is read at GPIO4. The sampling frequency is 11kHz, and the successive approximation is done at 8
bits resolution per sample. It is not possible to speed up the sampling frequency due to the limitation
of STV0680B firmware speed.
An actual hardware implementation is given in the audio application note AN1310.
4.9.6
Audio playback hardware interface (STV0680B-003 only)
The firmware outputs the desired signal level through the DAC output, which is amplified to the
speaker or headphone socket. GPIO6 is used to switch off the amplifier during periods of audio
recording, to prevent the successive approximation waveform from being heard during periods of
recording, and to reduce the power consumption and unwanted crackle through the speaker.
An actual hardware implementation is given in the audio application note AN1310.
4.10
Flashgun hardware interface (STV0680B-003 only)
STV0680B-003 will revert to flashgun exposure when it detects GPIO2 is high. Ideally the hardware
should combine the two factors of (a) user intention (e.g. user switches on flashgun) and (b) charge
sensing (i.e. flash is charged up and ready to fire).
These two factors (a) and (b) are independent, since there may be a delay of several seconds
between switching on the flashgun charger, and the flashgun being able to fire. To revert to flashgun
exposure before the flashgun is completely charged up would cause very bad pictures to be taken
in low light conditions because there is no “low light” threshold when flashgun exposure is enabled,
since the camera expects a flash to fire. A suggested flashgun hardware interface is given in the
flashgun application note AN1312.
When flashgun exposure is enabled and the shutter button is pressed, a picture will be taken and
the flash trigger pin GPIO7 will be pulsed low at the correct point in time so that all lines of the
CMOS imager are exposed.
4.11
IR filter
An Infra-Red Blocking Filter is required to achieve correct colour response. The exact specification
for the IR filter characteristics are given in the reference design manual.
GPIO
2
4
6
7
Audio Record
No
Yes
No
No
Audio
Playback
No
No
Yes
No
Flashgun
Yes
No
No
Yes
Table 6 : Other GPIO usage with STV0680-003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com