Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV6411 Datasheet(PDF) 30 Page - STMicroelectronics

Part # VV6411
Description  DUAL-MODE DIGITAL CAMERA CHIPSET
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6411 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button VV6411 Datasheet HTML 26Page - STMicroelectronics VV6411 Datasheet HTML 27Page - STMicroelectronics VV6411 Datasheet HTML 28Page - STMicroelectronics VV6411 Datasheet HTML 29Page - STMicroelectronics VV6411 Datasheet HTML 30Page - STMicroelectronics VV6411 Datasheet HTML 31Page - STMicroelectronics VV6411 Datasheet HTML 32Page - STMicroelectronics VV6411 Datasheet HTML 33Page - STMicroelectronics VV6411 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 63 page
background image
Detailed chipset specifications
STV0680B + VV6444/6410/6500
30/63
Version 3.4
4ZDRV includes an external resistor of 20 Ohms serial to this transceiver.
6.3
VV6444 sensor
This has been superseded by VV6410/6411
Parameter
Conditions
Symbol
Min.
Typ
Max
Unit
Peak to peak jitters
@VCOfreq = 100MHz ~ 200MHz
--
--
170
220
ps
Duty cycle
--
40
50
60
%
Operating voltage range
VDD
3
3.3
3.6
V
Input low voltage
VDD=3.3V
VIL
-
0.8
V
Input high voltage
VDD=3.3V
VIH
0.7VDD
VDD
V
pull in Time + Locking
Time
Ready
--
--
0.5
ms
Output Slew Rate
CL: Output Load (pF)
Tsr(Fout)
--
0.100+0.1082*CL
--
ns
Table 12 : STV0680B PLL characteristics
Parameter
Min.
Typ
Max
Units
Crystal specification
50/50/10/30 (12 MHz fundamental)
Crystal frequency
12.000
MHz
Frequency tolerance
50
ppm
Temperature stability
50
ppm
Operating temperature
-10
Deg. C
Load capacitance
30
pF
Table 13 : STV0680B crystal tolerance
Colour Image Format
352 x 288 pixels (CIF)
Pixel Size
12.0 x 11.0
µm
Image array size
4.272mm x 3.212mm
Array Format
CIF
Sensor signal / Noise ratio
Approx. 48dB (* See
Note 1)
Supply Voltage
5.0V DC +/-5%
Table 14 : VV6444 specifications
Note: 1 48dB refers to VV6404. With the addition of microlenses on VV6444, an increase in
sensitivity can be expected.
2 Where the sensor is completely powered off by a FET or switch (external hardware) during
the Standby/PC Suspend Mode.
3 Where the FET/switcher is not implemented, and the sensor is powered throughout
Standby/PC Suspend Mode, however the sensor clock is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com